전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPM354F10TFG 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TMPM354F10TFG
상세설명  32-Bit Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM354F10TFG 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TMPM354F10TFG Datasheet HTML 3Page - Toshiba Semiconductor TMPM354F10TFG Datasheet HTML 4Page - Toshiba Semiconductor TMPM354F10TFG Datasheet HTML 5Page - Toshiba Semiconductor TMPM354F10TFG Datasheet HTML 6Page - Toshiba Semiconductor TMPM354F10TFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM354F10TFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM354F10TFG Datasheet HTML 9Page - Toshiba Semiconductor TMPM354F10TFG Datasheet HTML 10Page - Toshiba Semiconductor TMPM354F10TFG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
A sample application using Barcode Read Control
CCD trigger
output
ADC
#2
8 ch
0.5 s 1.0 s
CCD data
output
PMD
2 ch
12-bit ADC
12-bit ADC
SIO/UART
I2C/SIO
RAM
NANO
FLASHTM
ARM
CortexTM-M3
USB 2.0
Device
USB 2.0
Host
EtherMAC
CAN 2.0
SSP
(SPImode)
M
M
Data 2
Data 4
Data 6
Data 1
Data 3
ADC
#1
Data 5
Trigger
Timer
SW
The TMPM369 contains 2 units of ADC. Their combined use provides high-speed AD conversion. While a single ADC offers a
minimum conversion time of 1.0 s at 80 MHz, applying an analog signal to 2 units of ADC and using them in a time-interleaved
manner significantly reduces the conversion time required*.
*0.5 s minimum (design target)
High-speed AD conversion – Using 2 units of AD converter
The TMPM369 has various external communication interfaces such as USB device, USB host, CAN, EtherMAC, SIO/UART,
I2C/SIO and SSP (SPI mode). Additionally, the TMPM369 contains 2 units of AD converter and a programmable motor driver
(PMD). All of them are designed to operate independently, significantly reducing the software workload. The TMPM369 provides
Flash ROM of up to 512 KB and SRAM of up to 128 KB to facilitate the use of the various communication interfaces.
Controls various interfaces independently – Contributing to reduction of the CPU workload
Features of the TMPM369FDFG/XBG (Under Development) and TMPM369FYFG/XBG (Under Development)
7


유사한 부품 번호 - TMPM354F10TFG

제조업체부품명데이터시트상세설명
logo
TRACO Electronic AG
TMPM-04 TRACOPOWER-TMPM-04 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04103 TRACOPOWER-TMPM-04103 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04105 TRACOPOWER-TMPM-04105 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04109 TRACOPOWER-TMPM-04109 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04112 TRACOPOWER-TMPM-04112 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
More results

유사한 설명 - TMPM354F10TFG

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
   32-bit Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
   32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
   32-bit microcontrollers
logo
Fujitsu Component Limit...
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
   32-bit Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
   32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
   32-bit Secure Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com