전자부품 데이터시트 검색엔진 |
|
TMPM366FYXBG 데이터시트(PDF) 11 Page - Toshiba Semiconductor |
|
TMPM366FYXBG 데이터시트(HTML) 11 Page - Toshiba Semiconductor |
11 / 24 page Display section System control unit Input unit LENS Zoom Motor EEPROM The video camera unit and the video recorder unit are controlled by a single chip microcontroller. Analog Front End Camera DSP Memory Card USB IEEE 1394 In-out LCD panel LCDC OPAMP Key Motor Drive HDMI Tx HDMI Out DECK System Microcontroller TMPM395 TMPM390 Flash Audio Video CEC Signal Processor for DVC Large-scale software to control the camera unit and the recorder unit is contained. System control interface (high-pin count), high performance and low-power consumption. Zzz... Reduces standby power to as low as 0.14 mW. SLEEP Mode Returns to Normal mode on reception of CEC/remote control signals. TMP89FM42UG TMP91FW27UG MCU Power Consumption When an AV System is in Standby Mode (When CEC and remote control signal preprocessor are active) TMPM390FWFG 80 70 60 50 40 30 20 10 0 72.5 mW 43 mW Reduced to 1/518 Reduced to 1/307 0.14 mW Significant Reduction of Standby Power The 1.8-V low-power mode of the M390 Group makes it ideal for battery-operated applications. The on-chip high-speed, high-accuracy oscillator helps reduce product costs. The M390 Group are available in standard and small packages. High-performance ARM CortexTM-M3 core: 20-MHz operation (max) Toshiba-original NANO FLASHTM memory: Fast programming 1.8-V low-power (RTC) mode (1.3 A typ.) Various serial interfaces CEC interface and remote control signal preprocessor that remain active even in low-power mode On-chip high-speed oscillator (9.91 MHz ± 3% @ 0 to 70˚C) Oscillation frequency detection (OFD); compliant with the IEC 60730 standard Small package (6 x 6 mm TFBGA120) Note: TMPM395FWAXBG only Health care equipment Game consoles AV systems Power monitoring devices Battery-operated devices Remote-controlled equipment Audiovisual systems must be able to receive Consumer Electronics Control (CEC) commands and remote control signals even when they are off. While the predecessor microcontrollers, the TLCS-900/L1 and TLCS-870/C Series, need to keep these functions in normal operating mode even when off, the M390 Group of microcontrollers can do them in low-power mode at 32.768 kHz, significantly reducing standby power consumption. Product Lineup System Block Diagram (Digital Video Camera) Low-Power MCUs TMPM390FWFG ** TMPM395FWAXBG Part Number 128 KB 128 KB 8 KB 8 KB LQFP100 (14 x 14 mm) TFBGA120 (6 x 6 mm) ROM (Flash) Size RAM Size Package Housed in a small package. 1.8-V low-power (RTC) mode (1.3 A typ.) 1.8-V low-power (RTC) mode (1.3 A typ.) Features **: Under development Features Application – 11 – M390 Group |
유사한 부품 번호 - TMPM366FYXBG |
|
유사한 설명 - TMPM366FYXBG |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |