전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA2559Q 데이터시트(PDF) 5 Page - Sony Corporation

부품명 CXA2559Q
상세설명  Playback Equalizer Amplifier with Music Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2559Q 데이터시트(HTML) 5 Page - Sony Corporation

  CXA2559Q Datasheet HTML 1Page - Sony Corporation CXA2559Q Datasheet HTML 2Page - Sony Corporation CXA2559Q Datasheet HTML 3Page - Sony Corporation CXA2559Q Datasheet HTML 4Page - Sony Corporation CXA2559Q Datasheet HTML 5Page - Sony Corporation CXA2559Q Datasheet HTML 6Page - Sony Corporation CXA2559Q Datasheet HTML 7Page - Sony Corporation CXA2559Q Datasheet HTML 8Page - Sony Corporation CXA2559Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
– 5 –
CXA2559Q
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resis-
tance
Equivalent circuit
Description
DC
AC
14
MSOUT
O—
Music sensor
output.
0.2V
when a
signal is
detected
; DVcc
when no
signal is
detected
GND
Vcc
14
I
100k
17
MUTESW
Mute function
control.
Low (open) :
Mute OFF
High: Mute ON
21
MSSW
Music sensor
control.
Low (open) :
MS ON
High : MS OFF
18
TAPESW
Playback
equalizer amplifier
control.
Low (open) : 70µs
High: 120µs
0.0V
when
open
18
21
GND
100k
Vcc
147
17
(Ta = 25°C, VCC = 8.0V, DVCC = 5.0V)
19
DRSW
Head select
control.
Low (open) :
FORWARD
High: REVERSE
I
100k
0.0V
when
open
GND
100k
Vcc
147
19
16
20
MSMODE
I
100k
Music sensor
mode control.
Low (open): G1
High: G2
0.0V
when
open
GND
100k
Vcc
147
20


유사한 부품 번호 - CXA2559Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2550N SONY-CXA2550N Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556 SONY-CXA2556 Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
More results

유사한 설명 - CXA2559Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2509AQ SONY-CXA2509AQ Datasheet
433Kb / 21P
   Playback Equalizer Amplifier with Music Sensor
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com