전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA2561Q 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA2561Q
상세설명  Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2561Q 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA2561Q Datasheet HTML 6Page - Sony Corporation CXA2561Q Datasheet HTML 7Page - Sony Corporation CXA2561Q Datasheet HTML 8Page - Sony Corporation CXA2561Q Datasheet HTML 9Page - Sony Corporation CXA2561Q Datasheet HTML 10Page - Sony Corporation CXA2561Q Datasheet HTML 11Page - Sony Corporation CXA2561Q Datasheet HTML 12Page - Sony Corporation CXA2561Q Datasheet HTML 13Page - Sony Corporation CXA2561Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
– 10 –
CXA2561Q
Electrical Characteristics Measurement Circuit
Audio
SG
PBFB2
PBRIN2
PBGND
PBFIN2
VCT
PBREF
PBFIN1
PBGND
PBRIN1
PBFB1
MSMODE
DRSW
TAPESW
MUTESW
NRSW
NRMODE
MSOUT
MSTC
G1FB
G2FB
VCC
C11
C10
22µ
C16
2.2µ
C18
0.1µ
C20
0.068
µ
C15
270p
GND
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36
35
34
31
32
33
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
1
C24
0.1µ
C23
4.7n
R16
100k
R22
10k
S16
NRMODE
H/L
NRSW
H/L
MUTESW
H/L
TAPESW
H/L
DRSW
H/L
MSMODE
H/L
MSSW
H/L
DVCC
Power
Supply
A
DC Ammeter
GND GND
CCIR/ARM
"A" WTG
DIN Audio
1kHz BPF
DC
Voltmeter
0dB or 30dB
Amp
OFF: 0dB
ON: 30dB
R28
50k
S22
S27
S26
S25
S24
S23
+20dB
+20dB
AC
Voltmeter
Distortion
Analyzer
Oscilloscope
S21
S20
S19
S18
S17
R27 10k
R26 100
R25 10k
R24 100
R23 10k
S15
S14
S13
S12
R21 10k
R20 100
R19 10k
R18 100
C6
0.01µ
S1
C1
2.2µ
R3
680
R4
680
S2
C2
2.2µ
C3
22µ
S3
C4
2.2µ
R6
680
R5
680
S4
C5
2.2µ
C7
0.01µ
R2
270
R1
270
∗ :
∗ :
Notes1. Resistor tolerance
2. Capacitor tolerance
Coupling Capacitor
±5%
±1%
±5%
±2%
±10%
R17
1MEG
R15
39k
R14
3.9k
C22
0.47µ
R7
2.7k
C8
2.2µ
C9
2.2µ
C17
2.2µ
C19
0.1µ
C21
0.068µ
C12
R8
2.7k
CXA2561Q


유사한 부품 번호 - CXA2561Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2560 SONY-CXA2560 Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
More results

유사한 설명 - CXA2561Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1797Q SONY-CXA1797Q Datasheet
737Kb / 31P
   Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com