전자부품 데이터시트 검색엔진 |
|
SST39VF010-45-4C-B3H 데이터시트(PDF) 3 Page - Silicon Storage Technology, Inc |
|
SST39VF010-45-4C-B3H 데이터시트(HTML) 3 Page - Silicon Storage Technology, Inc |
3 / 24 page Data Sheet 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040 SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040 3 ©2001 Silicon Storage Technology, Inc. S71150-03-000 6/01 395 Data# Polling (DQ7) When the SST39LF512/010/020/040 and SST39VF512/ 010/020/040 are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce true data. The device is then ready for the next operation. During internal Erase operation, any attempt to read DQ7 will produce a ‘0’. Once the internal Erase opera- tion is completed, DQ7 will produce a ‘1’. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 7 for Data# Polling timing diagram and Figure 16 for a flowchart. Toggle Bit (DQ6) During the internal Program or Erase operation, any con- secutive attempts to read DQ6 will produce alternating 0s and 1s, i.e., toggling between 0 and 1. When the internal Program or Erase operation is completed, the toggling will stop. The device is then ready for the next operation. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector- or Chip- Erase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 8 for Toggle Bit timing dia- gram and Figure 16 for a flowchart. Data Protection The SST39LF512/010/020/040 and SST39VF512/010/ 020/040 provide both hardware and software features to protect nonvolatile data from inadvertent writes. Hardware Data Protection Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a Write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V. Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This prevents inadvert- ent writes during power-up or power-down. Software Data Protection (SDP) The SST39LF512/010/020/040 and SST39VF512/010/ 020/040 provide the JEDEC approved Software Data Pro- tection scheme for all data alteration operation, i.e., Pro- gram and Erase. Any Program operation requires the inclusion of a series of three byte sequence. The three byte-load sequence is used to initiate the Program opera- tion, providing optimal protection from inadvertent Write operations, e.g., during the system power-up or power- down. Any Erase operation requires the inclusion of six byte load sequence. These devices are shipped with the Software Data Protection permanently enabled. See Table 4 for the specific software command codes. During SDP command sequence, invalid commands will abort the device to read mode, within TRC. Product Identification The Product Identification mode identifies the devices as the SST39LF/VF512, SST39LF/VF010, SST39LF/VF020 and SST39LF/VF040 and manufacturer as SST. This mode may be accessed by software operations. Users may use the Software Product Identification operation to identify the part (i.e., using the device ID) when using multi- ple manufacturers in the same socket. For details, see Table 4 for software operation, Figure 11 for the Software ID Entry and Read timing diagram, and Figure 17 for the Software ID entry command sequence flowchart. Product Identification Mode Exit/Reset In order to return to the standard Read mode, the Software Product Identification mode must be exited. Exit is accom- plished by issuing the Software ID Exit command sequence, which returns the device to the Read operation. Please note that the Software ID Exit command is ignored during an internal Program or Erase operation. See Table 4 for software command codes, Figure 12 for timing wave- form, and Figure 17 for a flowchart. TABLE 1: PRODUCT IDENTIFICATION Address Data Manufacturer’s ID 0000H BFH Device ID SST39LF/VF512 0001H D4H SST39LF/VF010 0001H D5H SST39LF/VF020 0001H D6H SST39LF/VF040 0001H D7H T1.1 395 |
유사한 부품 번호 - SST39VF010-45-4C-B3H |
|
유사한 설명 - SST39VF010-45-4C-B3H |