전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3002N 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA3002N
상세설명  RX Gain Control Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3002N 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA3002N Datasheet HTML 4Page - Sony Corporation CXA3002N Datasheet HTML 5Page - Sony Corporation CXA3002N Datasheet HTML 6Page - Sony Corporation CXA3002N Datasheet HTML 7Page - Sony Corporation CXA3002N Datasheet HTML 8Page - Sony Corporation CXA3002N Datasheet HTML 9Page - Sony Corporation CXA3002N Datasheet HTML 10Page - Sony Corporation CXA3002N Datasheet HTML 11Page - Sony Corporation CXA3002N Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
– 10 –
CXA3002N
Sensitivity
VCC = 3.6V
VGCTL [V]
0.5
60
0
1
1.5
2
2.5
3
3.5
40
20
0
–20
–40
–60
VCC = 3.6V
IIP3
–60
Power gain [dB]
–40
–60
0
–20
40
20
–50
–40
–30
–20
–10
0
60
T = –40deg
T = 25deg
T = 85deg
T = –40deg
T = 25deg
T = 85deg


유사한 부품 번호 - CXA3002N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3003R SONY-CXA3003R Datasheet
534Kb / 32P
   Baseband analog processing IC for dual-mode CDMA/FM cellular phone
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
CXA3008N-2 SONY-CXA3008N-2 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
More results

유사한 설명 - CXA3002N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3221AN SONY-CXA3221AN Datasheet
126Kb / 8P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3222N SONY-CXA3222N Datasheet
149Kb / 8P
   TX Gain Control Amplifier
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
logo
Toshiba Semiconductor
TA4018F TOSHIBA-TA4018F_07 Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com