전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3017R 데이터시트(PDF) 8 Page - Sony Corporation

부품명 CXA3017R
상세설명  Decoder/Driver/Timing Generator for Color LCD Panels
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3017R 데이터시트(HTML) 8 Page - Sony Corporation

Back Button CXA3017R Datasheet HTML 4Page - Sony Corporation CXA3017R Datasheet HTML 5Page - Sony Corporation CXA3017R Datasheet HTML 6Page - Sony Corporation CXA3017R Datasheet HTML 7Page - Sony Corporation CXA3017R Datasheet HTML 8Page - Sony Corporation CXA3017R Datasheet HTML 9Page - Sony Corporation CXA3017R Datasheet HTML 10Page - Sony Corporation CXA3017R Datasheet HTML 11Page - Sony Corporation CXA3017R Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
– 8 –
CXA3017R
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description
58
RESET
TG block system reset pin.
The system is reset when this
pin is connected to GND.
Connect a capacitor between
this pin and GND.
1k
VDD1
GND1
2µA
58
300
59
Y IN
Y signal input.
The standard signal input level
is 0.5Vp-p (100% white level
from the sync tip).
Input at low impedance (75
or less).
VCC1
GND1
59
20µA
1k
63
F0 ADJ
1.5V
Filter reference current
generation.
Connect resistance of 15 k
between this pin and GND1 to
adjust the internal filters using
the outflow current value.
Leave this pin open when
using Y/C or Y/color difference
mode.
VCC1
GND1
200
500
5p
63
500
5p
62
VSEP TC
1.7V
Capacitor connection for
vertical sync separation.
VDD1
GND1
20µA
20µA
500
1k
62
1k
1.6V
61
SYNC IN
1.6V
Sync input.
Normally inputs the Y signal.
The standard signal input level
is 0.5Vp-p (100% white level
from the sync tip).
Input at low impedance (75
or less).
VDD1
GND1
12µA
1k
61
0.6µA
500
1k
64
GND1
0V
3.0V GND.
60
TEST2
0V
Test. Connect to GND.


유사한 부품 번호 - CXA3017R

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3010 SONY-CXA3010 Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
More results

유사한 설명 - CXA3017R

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com