전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75829PE 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LC75829PE
상세설명  1/4 and 1/3-Duty General-Purpose LCD Display Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75829PE 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75829PE Datasheet HTML 7Page - Sanyo Semicon Device LC75829PE Datasheet HTML 8Page - Sanyo Semicon Device LC75829PE Datasheet HTML 9Page - Sanyo Semicon Device LC75829PE Datasheet HTML 10Page - Sanyo Semicon Device LC75829PE Datasheet HTML 11Page - Sanyo Semicon Device LC75829PE Datasheet HTML 12Page - Sanyo Semicon Device LC75829PE Datasheet HTML 13Page - Sanyo Semicon Device LC75829PE Datasheet HTML 14Page - Sanyo Semicon Device LC75829PE Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LC75829PE, 75829PW
No.A1462-11/22
(2) When CL is stopped at the high level
Note: DD is the direction data.
• CCB address .......... “41H”
• D1 to D159 ............ Display data
• PS10, PS11 ............ General-purpose output port (P1) function setting control data
• EXF ....................... External clock operating frequency setting control data
• P0 to P2 ................. Segment output port/general-purpose output port switching control data
• DT ......................... 1/4-duty 1/3-bias drive or 1/3-duty 1/3-bias drive switching control data
• DN ......................... S52 pin and S53/OSCI pin state setting control data
• FC0 to FC2 ............ Common/segment output waveform frame frequency control data
• OC ......................... Internal oscillator operating mode/external clock operating mode switching control data
• SC .......................... Segment on/off control data
• BU ......................... Normal mode/power-saving mode control data
FC0
SC
B1
B0
D2
D1
0
0
0
0
1
D53
D48
D47
DI
CL
CE
B3
B2
A1
A0
A3
A2
1
0
0
D50
D49
D52
D51
0
D54
0P1
P0
EXF
PS11
DT
P2
DN
BU
0
0
PS10
OC
FC1 FC2
0
B1
B0
0
0
0
0
1
D107
D102
D56
D55
B3
B2
A1
A0
A3
A2
1
0
0
0
D108
00
01
0
D106
D105
D104
D103
0
0
0
0
0
0
0
00
00
D101
0
B1
B0
0
0
0
0
1
0
D156
D110
D109
D155
B3
B2
A1
A0
A3
A2
1
0
0
0
000
00
1
0
0
0
0
0
0
0
0
0
00
D157 D158 D159 0
Fixed data
16 bits
DD
2 bits
Control data
16 bits
Display data
54 bits
CCB address
8 bits
DD
2 bits
Display data
54 bits
CCB address
8 bits
Fixed data
19 bits
DD
2 bits
Display data
51 bits
CCB address
8 bits


유사한 부품 번호 - LC75829PE

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC75829PE ONSEMI-LC75829PE Datasheet
207Kb / 22P
   LCD Display Driver
July, 2013
LC75829PE-H ONSEMI-LC75829PE-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-H ONSEMI-LC75829PEH-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-TLA-H ONSEMI-LC75829PEH-TLA-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

유사한 설명 - LC75829PE

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com