전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2004IYZKR 데이터시트(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TSC2004IYZKR
상세설명  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2004IYZKR 데이터시트(HTML) 4 Page - Burr-Brown (TI)

  TSC2004IYZKR Datasheet HTML 1Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 2Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 3Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 4Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 5Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 6Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 7Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 8Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
www.ti.com
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD = +1.2V to +3.6V, unless otherwise noted.
TSC2004
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
CMOS
1.2V
≤ I/OVDD < 1.6V
0.7
× I/OVDD
I/OVDD + 0.3
V
VIH
1.6V
≤ I/OVDD ≤ 3.6V
0.7
× I/OVDD
I/OVDD + 0.3
V
1.2V
≤ I/OVDD < 1.6V
–0.3
0.2
× I/OVDD
V
VIL
1.6V
≤ I/OVDD ≤ 3.6V
–0.3
0.3
× I/OVDD
V
IIL
SCL and SDA pins
–1
1
µA
Logic level
CIN
SCL and SDA pins
10
pF
VOH
IOH = 2 TTL loads
I/OVDD – 0.2
I/OVDD
V
VOL
IOL = 2 TTL loads
0
0.2
V
ILEAK
Floating output
–1
1
µA
COUT
Floating output
10
pF
Data format
Straight Binary
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
SNSVDD
Specified performance
1.2
3.6
V
I/OVDD(6)
1.2
SNSVDD
V
Filter off, M = W = 1, C[3:0] =
(1,0,0,0), RM = 1, CL[1:0] = (0,1),
cont AUX mode, fADC = 2MHz,
SNSVDD = I/OVDD = VREF = 1.6V
506
625
µA
High-Speed mode, without
reading data register
TA = +25°C, filter on, M = 15, W =
SNSVDD = I/OVDD = VREF = 1.2V
237
µA
7, PSM = 1, C[3:0] = (0,0,0,0),
x
RM = 1, CL[1:0] = (0,1), BTD[2:0]
SNSVDD = I/OVDD = VREF = 1.6V
= (1,0,1), 50SSPS, MAVEX =
364
µA
x
MAVEY = MAVEZ = 1, fADC =
2MHz, High-Speed mode, sensor
SNSVDD = I/OVDD = VREF = 3.0V
797
µA
drivers supply included
TA = +25°C, filter off, M = W = 1,
SNSVDD = I/OVDD = VREF = 1.2V
237
µA
PSM = 1, C[3:0] = (0,0,0,0), RM =
x
1, CL[1:0] = (0,1), BTD[2:0] =
SNSVDD = I/OVDD = VREF = 1.6V
(1,0,1), 50SSPS, MAVEX =
342
µA
x
MAVEY = MAVEZ = 1, fADC =
2MHz, High-Speed mode, sensor
SNSVDD = I/OVDD = VREF = 3.0V
757
µA
Quiescent supply
drivers supply included
current(7)(8)
SNSVDD = I/OVDD = VREF = 1.2V
176
µA
TA = +25°C, filter off, M = W = 1,
C[3:0] = (0,1,0,1), RM = 1, CL[1:0]
SNSVDD = I/OVDD = VREF = 1.6V
268
µA
= (0,1), non-cont AUX mode, fADC
= 2MHz, High-Speed mode
SNSVDD = I/OVDD = VREF = 3.0V
526
µA
SNSVDD = I/OVDD = VREF = 1.2V,
347
µA
TA = +25°C, filter on, M = 7, W =
~10.3kSPS effective rate
3, C[3:0] = (0,1,0,1), RM = 1,
CL[1:0] = (0,1), MAVEAUX = 1,
SNSVDD = I/OVDD = VREF = 1.6V,
468
µA
non-cont AUX mode, fADC =
~11.8kSPS effective rate
2MHz, High-Speed mode, full
SNSVDD = I/OVDD = VREF = 3.0V,
speed
897
µA
~12.3kSPS effective rate
SNSVDD = I/OVDD = VREF = 1.2V,
TA = +25°C, filter on, M = 7, W =
39.4
µA
~1.17kSPS effective rate
3, C[3:0] = (0,1,0,1), RM = 1,
CL[1:0] = (0,1), MAVEAUX = 1,
SNSVDD = I/OVDD = VREF = 1.6V,
non-cont AUX mode, fADC =
46.4
µA
~1.17kSPS effective rate
2MHz, High-Speed mode,
reduced speed (8.2kSPS
SNSVDD = I/OVDD = VREF = 3.0V,
85.3
µA
equivalent rate)
~1.17kSPS effective rate
TA = +25°C, Not addressed, SCL = SDA = 1,
Power-down supply current
0.023
0.8
µA
SNSVDD = I/OVDD = VREF = 1.6V
(6)
I/OVDD must be
≤ SNSVDD.
(7)
Supply current from SNSVDD.
(8)
For detailed information on test condition parameter and bit settings, see the Digital Interface section.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004


유사한 부품 번호 - TSC2004IYZKR

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TSC2004IYZKR BURR-BROWN-TSC2004IYZKR Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results

유사한 설명 - TSC2004IYZKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com