전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP4435A 데이터시트(PDF) 5 Page - Stanson Technology

부품명 STP4435A
상세설명  STP4435A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP4435A 데이터시트(HTML) 5 Page - Stanson Technology

  STP4435A Datasheet HTML 1Page - Stanson Technology STP4435A Datasheet HTML 2Page - Stanson Technology STP4435A Datasheet HTML 3Page - Stanson Technology STP4435A Datasheet HTML 4Page - Stanson Technology STP4435A Datasheet HTML 5Page - Stanson Technology STP4435A Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STP4435A
P Channel Enhancement Mode MOSFET
-
10A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
TYPICAL CHARACTERICTICS (25℃ Unless Note)
STP4435A 2007. V1


유사한 부품 번호 - STP4435A

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
STP4435A DOINGTER-STP4435A Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP4435A VBSEMI-STP4435A Datasheet
901Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - STP4435A

제조업체부품명데이터시트상세설명
logo
Stanson Technology
ST3407SRG STANSON-ST3407SRG Datasheet
184Kb / 6P
   ST3407SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP9527 STANSON-STP9527 Datasheet
927Kb / 7P
   STP9527 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2315SRG STANSON-ST2315SRG Datasheet
218Kb / 6P
   ST2315SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP7401 STANSON-STP7401 Datasheet
461Kb / 6P
   STP7401 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3401SRG STANSON-ST3401SRG Datasheet
212Kb / 6P
   ST3401RSG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density DMOS trench technology.
STP9437 STANSON-STP9437 Datasheet
375Kb / 6P
   STP9437 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2341A STANSON-ST2341A Datasheet
582Kb / 6P
   ST2341A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP6621 STANSON-STP6621 Datasheet
452Kb / 6P
   STP6621 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
Shenzhen Huazhimei Semi...
HM1P10MR HMSEMI-HM1P10MR Datasheet
763Kb / 5P
   P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
Stanson Technology
STP4803 STANSON-STP4803 Datasheet
697Kb / 7P
   STP4803 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com