전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3106Q 데이터시트(PDF) 6 Page - Sony Corporation

부품명 CXA3106Q
상세설명  PLL IC for LCD Monitor/Projector
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3106Q 데이터시트(HTML) 6 Page - Sony Corporation

Back Button CXA3106Q Datasheet HTML 2Page - Sony Corporation CXA3106Q Datasheet HTML 3Page - Sony Corporation CXA3106Q Datasheet HTML 4Page - Sony Corporation CXA3106Q Datasheet HTML 5Page - Sony Corporation CXA3106Q Datasheet HTML 6Page - Sony Corporation CXA3106Q Datasheet HTML 7Page - Sony Corporation CXA3106Q Datasheet HTML 8Page - Sony Corporation CXA3106Q Datasheet HTML 9Page - Sony Corporation CXA3106Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
– 6 –
CXA3106Q
External VCO input.
Programmable counter test input
(switchable by a control register).
When using the VCO PECL input,
open the Pin 5 VCO TTL input.
External inverted VCO input.
When open, this pin goes to the PECL
threshold voltage (IOVcc – 1.3V).
Only the pin 3 VCOH input with VCOL
input open can be also operated but
complementary input is recommended
in order to realize stable high-speed
operation.
Sync input.
When using the SYNCH PECL input,
open the Pin 9 SYNC TTL input.
The sync signal can be switched
between positive/negative polarity by
an internal register.
Inverted sync input.
When open, this pin goes to the PECL
threshold voltage (IOVcc – 1.3V).
Only the Pin 7 SYNCH input with
SYNCL input open can be also
operated but complementary
input is recommended in order to
realize stable high-speed operation.
3
4
7
8
VCOH
VCOL
SYNCH
SYNCL
PECL
PECL
PECL
PECL
I
I
I
I
3
4
8
7
IOVCC
IOGND
r
r
Pin
No.
Symbol
I/O
Reference
voltage level
Equivalent circuit
Description


유사한 부품 번호 - CXA3106Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
More results

유사한 설명 - CXA3106Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3266Q SONY-CXA3266Q Datasheet
765Kb / 60P
   PLL IC for LCD Monitor/Projector
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
   LCD Projector
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
logo
PulseCore Semiconductor
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
Sharp Corporation
LQ64SP1 SHARP-LQ64SP1 Datasheet
78Kb / 1P
   Color TFT-LCD Module for OHP/Projector
logo
Toshiba Semiconductor
TC9246F TOSHIBA-TC9246F Datasheet
404Kb / 10P
   PLL IC FOR DIGITAL AUDIO
logo
Texas Instruments
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com