전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3106Q 데이터시트(PDF) 7 Page - Sony Corporation

부품명 CXA3106Q
상세설명  PLL IC for LCD Monitor/Projector
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3106Q 데이터시트(HTML) 7 Page - Sony Corporation

Back Button CXA3106Q Datasheet HTML 3Page - Sony Corporation CXA3106Q Datasheet HTML 4Page - Sony Corporation CXA3106Q Datasheet HTML 5Page - Sony Corporation CXA3106Q Datasheet HTML 6Page - Sony Corporation CXA3106Q Datasheet HTML 7Page - Sony Corporation CXA3106Q Datasheet HTML 8Page - Sony Corporation CXA3106Q Datasheet HTML 9Page - Sony Corporation CXA3106Q Datasheet HTML 10Page - Sony Corporation CXA3106Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
– 7 –
CXA3106Q
External VCO input.
Programmable counter test input
(controlled by a control register).
When using the VCO TTL input, open
the Pin 3 VCOH and Pin 4 VCOL
PECL inputs.
Phase detector disable signal.
Active high. When this pin is high, the
phase detector output is held. This pin
goes to high level when open.
(See the HOLD Timing Chart.)
Sync input.
When using the SYNC TTL input,
open the Pin 7 SYNCH and Pin 8
SYNCL PECL inputs.
The sync signal can be switched
between positive/negative polarity by
a control register.
Control signal (enable) for setting the
internal registers.
When SENABLE is low, registers can
be written; when high, registers can be
read.
(See the Control Register Table and
Control Timing Chart.)
Control signal (clock) for setting the
internal registers.
When SENABLE is low, SDATA is
loaded to the registers at the rising
edge of SCLK.
When SENABLE is high, the register
contents are output from SEROUT at
the falling edge of SCLK.
(See the Control Register Table and
Control Timing Chart.)
Control signal (data) for setting the
internal registers.
(See the Control Register Table and
Control Timing Chart.)
Programmable counter test input.
This pin is normally open status and
high. Register contents can be loaded
immediately to Programmable counter
by setting TLOAD low during the
programmable counter test mode.
5
6
9
10
11
12
13
VCO
HOLD
SYNC
SENABLE
SCLK
SDATA
TLOAD
TTL
TTL
TTL
TTL
TTL
TTL
TTL
I
I
I
I
I
I
I
5
6
9
10
12
13
r/2
r
2r
1.5V
IOVCC
IOGND
11
Pin
No.
Symbol
I/O
Reference
voltage level
Equivalent circuit
Description


유사한 부품 번호 - CXA3106Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
More results

유사한 설명 - CXA3106Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3266Q SONY-CXA3266Q Datasheet
765Kb / 60P
   PLL IC for LCD Monitor/Projector
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
   LCD Projector
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
logo
PulseCore Semiconductor
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
Sharp Corporation
LQ64SP1 SHARP-LQ64SP1 Datasheet
78Kb / 1P
   Color TFT-LCD Module for OHP/Projector
logo
Toshiba Semiconductor
TC9246F TOSHIBA-TC9246F Datasheet
404Kb / 10P
   PLL IC FOR DIGITAL AUDIO
logo
Texas Instruments
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com