전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA2530-0000-000N0HT240H 데이터시트(PDF) 7 Page - Cree, Inc

부품명 CXA2530-0000-000N0HT240H
상세설명  Cree짰 XLamp짰 CXA2530 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2530-0000-000N0HT240H 데이터시트(HTML) 7 Page - Cree, Inc

Back Button CXA2530-0000-000N0HT240H Datasheet HTML 3Page - Cree, Inc CXA2530-0000-000N0HT240H Datasheet HTML 4Page - Cree, Inc CXA2530-0000-000N0HT240H Datasheet HTML 5Page - Cree, Inc CXA2530-0000-000N0HT240H Datasheet HTML 6Page - Cree, Inc CXA2530-0000-000N0HT240H Datasheet HTML 7Page - Cree, Inc CXA2530-0000-000N0HT240H Datasheet HTML 8Page - Cree, Inc CXA2530-0000-000N0HT240H Datasheet HTML 9Page - Cree, Inc CXA2530-0000-000N0HT240H Datasheet HTML 10Page - Cree, Inc CXA2530-0000-000N0HT240H Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
7
XLamp CXa2530 LED
electrical characteristics (t
J = 85 °c)
relative luminous fluX vs. current (t
J = 85 °c)
Electrical Characteristics (Tj = 85ºC)
0
250
500
750
1000
1250
1500
31
32
33
34
35
36
37
38
39
40
41
Forward Voltage (V)
Relative Intensity vs. Current (Tj = 85ºC)
0%
25%
50%
75%
100%
125%
150%
0
250
500
750
1000
1250
1500
Forward Current (mA)


유사한 부품 번호 - CXA2530-0000-000N0HT240H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2530-0000-000N00S227F CREE-CXA2530-0000-000N00S227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2530-0000-000N00S227H CREE-CXA2530-0000-000N00S227H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2530-0000-000N00S427F CREE-CXA2530-0000-000N00S427F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2530-0000-000N00S427H CREE-CXA2530-0000-000N00S427H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2530-0000-000N00S430F CREE-CXA2530-0000-000N00S430F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

유사한 설명 - CXA2530-0000-000N0HT240H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com