전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3117N 데이터시트(PDF) 7 Page - Sony Corporation

부품명 CXA3117N
상세설명  IF Amplifier for M-ary FSK Pagers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3117N 데이터시트(HTML) 7 Page - Sony Corporation

Back Button CXA3117N Datasheet HTML 3Page - Sony Corporation CXA3117N Datasheet HTML 4Page - Sony Corporation CXA3117N Datasheet HTML 5Page - Sony Corporation CXA3117N Datasheet HTML 6Page - Sony Corporation CXA3117N Datasheet HTML 7Page - Sony Corporation CXA3117N Datasheet HTML 8Page - Sony Corporation CXA3117N Datasheet HTML 9Page - Sony Corporation CXA3117N Datasheet HTML 10Page - Sony Corporation CXA3117N Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
– 7 –
CXA3117N
V3
0.5V
V2
1V
V1
1.4V
2
3
4
5
6
7
9
10
11
12
1
13
14
15
16
17
18
22
23
24
VCC
19
100µA
20
8
GND
GND
21
V2
1V
V1
1.4 to 1.0V
2
3
4
5
6
7
9
10
11
12
1
13
14
15
16
17
18
21
22
23
24
VCC
19
100k
20
8
Measurement circuit 5
Measurement circuit 6
V2
1V
V1
1.4V
2
3
4
5
6
7
9
10
11 12
1
13
14
15
16
17
18
21
22
23
24
VCC
19
50µA
20
8
Vin
0.2V
V2
1V
V1
1.4V
2
3
4
5
6
7
9
10
11 12
1
13
14
16
17
18
21
22
23
24
VCC
19
20
8
15
100k
Measurement circuit 7
Measurement circuit 8
Vin
0.1V
V2
1V
V1
1.4V
2
3
4
5
6
7
9
10
11 12
1
13
14
16
17
18
21
22
23
24
VCC
19
20
8
15
50µA
V2
1V
V1
1.4V
2
3
4
5
6
7
9
10
11 12
1
14
15
16
17
18
20
21
22
23
24
VCC
8
19
13
100P
Measurement circuit 9
Measurement circuit 10


유사한 부품 번호 - CXA3117N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3117N SONY-CXA3117N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
More results

유사한 설명 - CXA3117N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com