전자부품 데이터시트 검색엔진 |
|
CXA3117 데이터시트(PDF) 4 Page - Sony Corporation |
|
CXA3117 데이터시트(HTML) 4 Page - Sony Corporation |
4 / 30 page – 4 – CXA3117N Pin No. 15 19 20 — — — L.C. OUT NRZ OUT LVA OUT Level comparator, NRZ comparator and LVA comparator outputs. They are open collectors. (Applied voltage range: –0.5V to +7.0V) 18 — CHARGE Controls the speed of the quick charge circuit. Set this pin high to execute the quick charge. (Applied voltage range: –0.5V to +7.0V) 21 — REG CONT Output for internal constant-voltage source amplifier. Connect the base of PNP transistor. (Current capacity: 100µA) 22 1.0V REG OUT Constant-voltage source output. Controlled to maintain 1.0V. 23 — GND Ground 17 — B.S. Controls the battery saving. Setting this pin low suspends the operation of IC. (Applied voltage range: –0.5V to +7.0V) Symbol Pin voltage Equivalent circuit Description GND 72 15 19 20 GND 140k 20k 72 17 16 0.2V AUDIO Level comparator and NRZ comparator inputs. The filter circuit output is connected. GND VCC 72 16 72 GND 100k 20k 18 GND VCC 72 21 GND VCC 78k 22 22k 1k |
유사한 부품 번호 - CXA3117 |
|
유사한 설명 - CXA3117 |