전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3185 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA3185
상세설명  All Band TV Tuner IC with On-chip PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3185 데이터시트(HTML) 1 Page - Sony Corporation

  CXA3185 Datasheet HTML 1Page - Sony Corporation CXA3185 Datasheet HTML 2Page - Sony Corporation CXA3185 Datasheet HTML 3Page - Sony Corporation CXA3185 Datasheet HTML 4Page - Sony Corporation CXA3185 Datasheet HTML 5Page - Sony Corporation CXA3185 Datasheet HTML 6Page - Sony Corporation CXA3185 Datasheet HTML 7Page - Sony Corporation CXA3185 Datasheet HTML 8Page - Sony Corporation CXA3185 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
—1—
E97944-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta = 25 °C)
• Supply voltage
VCC1,VCC2
–0.3 to +5.5
V
VCC3
–0.3 to +10.0
V
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
880
mW
(when mounted on a substrate)
Operating Conditions
• Supply voltage
VCC1, VCC2
4.75 to 5.3
V
VCC3
4.75 to 9.45
V
• Operating temperature
Topr
–20 to +75
°C
Description
The CXA3185/3186N is a monolithic TV tuner IC
which integrates local oscillator and mixer circuits for
VHF band, local oscillator and mixer circuits for UHF
band, an IF amplifier and a tuning PLL onto a single
chip, enabling further miniaturization of the tuner.
Features
• Low noise figure
• Low power consumption (5 V, 54 mA typ.)
• On-chip tuning PLL (3-wire bus format)
• Selection of frequency steps 31.25 kHz, 50 kHz
and 62.5 kHz
• On-chip 4-output band switch
Applications
• TV tuners
• VCR tuners
• CATV tuners
Structure
Bipolar silicon monolithic IC
All Band TV Tuner IC with On-chip PLL
30 pin SSOP (Plastic)
CXA3185/3186N
Note)
Electrostatic discharge strength is weak, and care should be taken in handling this IC.


유사한 부품 번호 - CXA3185

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
More results

유사한 설명 - CXA3185

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com