전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3197 데이터시트(PDF) 2 Page - Sony Corporation

부품명 CXA3197
상세설명  10-bit 125MSPS D/A Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3197 데이터시트(HTML) 2 Page - Sony Corporation

  CXA3197 Datasheet HTML 1Page - Sony Corporation CXA3197 Datasheet HTML 2Page - Sony Corporation CXA3197 Datasheet HTML 3Page - Sony Corporation CXA3197 Datasheet HTML 4Page - Sony Corporation CXA3197 Datasheet HTML 5Page - Sony Corporation CXA3197 Datasheet HTML 6Page - Sony Corporation CXA3197 Datasheet HTML 7Page - Sony Corporation CXA3197 Datasheet HTML 8Page - Sony Corporation CXA3197 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
– 2 –
CXA3197R
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
AVCCO, AVCC2, DVCC2
–0.5 to +6.0
V
AGND2, DGND2
–6.0 to +0.5
V
DVCC1
–0.5 to +6.0
V
AVCC2 – AGND2
–0.5 to +6.0
V
AVCCO – AGND2
–0.5 to +6.0
V
DVCC2 – DGND2
–0.5 to +6.0
V
• Input voltage
(Analog)
VSET
AGND2 – 0.5 to AVCC2 + 0.5
V
(Digital)
TTL input pin
DGND1 – 0.5 to DVCC1 + 0.5
V
PECL input pin
DGND1 – 0.5 to DVCC1 + 0.5
V
PS
DGND1 – 0.5 to DVCC1 + 0.5
V
(Others)
VOCLP
DGND1 – 0.5 to DVCC1 + 0.5
V
• Storage temperature
Tstg
– 65 to +150
°C
• Allowable power dissipation
Pd
1.4
W
(when mounted on a two-layer glass fabric base epoxy board with dimensions of 76mm
× 114mm, t = 1.6mm)
Recommended Operating Conditions
[Single power supply]
[Dual power supply]
• Supply voltage
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
AVCCO
+4.75
+5.0
+5.25
–0.05
0.0
+0.05
V
AVCC2
+4.75
+5.0
+5.25
–0.05
0.0
+0.05
V
AGND2
–0.05
0.0
+0.05
–5.50
–5.0
–4.75
V
DVCC1
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
V
DGND1
–0.05
0.0
+0.05
–0.05
0.0
+0.05
V
DVCC2
+4.75
+5.0
+5.25
–0.05
0.0
+0.05
V
DGND2
–0.05
0.0
+0.05
–5.50
–5.0
–4.75
V
• Input voltage
Min.
Typ.
Max.
Unit
(Analog)
VSET
AGND2 + 0.65
AGND2 + 1.03 V
(Digital)
TTL input pin
VIH
DGND1 + 2.0
V
VIL
DGND1 + 0.8
V
PECL input pin
VIH
DVCC1 – 1.05
DVCC1 – 0.5
V
VIL
DVCC1 – 3.2
DVCC1 – 1.4
V
VID∗1
0.5
0.8
V
(Others)
VOCLP
DGND1 + 2.4
DVCC1
V
• CLK pulse width (for RECL CLK)
tpw1
3.5
ns
tpw0
3.5
ns
• Maximum conversion rate During PECL operation Fc
125
MSPS
During TTL operation
Fc
100
MSPS
• Load resistance
RL
50
50
≥ 10k
• Analog output full-scale voltage
RL
≥ 10kΩ
VFS
1.5
2.0
2.1
V
RL = 50
VFS
0.75
1.0
1.05
V
• Operating temperature
Ta
–20
+75
°C
1 VID: Input Voltage Differential
PECL input signal switching level
VIH
VIL (Min.)
VIH (Max.)
VIL
DVCC1
VID
DGND1


유사한 부품 번호 - CXA3197

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3199 SONY-CXA3199 Datasheet
161Kb / 11P
   Wideband Pre-amplifier
CXA3199TN SONY-CXA3199TN Datasheet
161Kb / 11P
   Wideband Pre-amplifier
More results

유사한 설명 - CXA3197

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
DATEL, Inc.
DAC-1012 DATEL-DAC-1012 Datasheet
1Mb / 12P
   10-Bit, 125MSPS, Low-Power D/A Converters
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5514P ETC2-KAD5514P Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com