전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3202AN 데이터시트(PDF) 8 Page - Sony Corporation

부품명 CXA3202AN
상세설명  TX Gain Control Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3202AN 데이터시트(HTML) 8 Page - Sony Corporation

Back Button CXA3202AN Datasheet HTML 2Page - Sony Corporation CXA3202AN Datasheet HTML 3Page - Sony Corporation CXA3202AN Datasheet HTML 4Page - Sony Corporation CXA3202AN Datasheet HTML 5Page - Sony Corporation CXA3202AN Datasheet HTML 6Page - Sony Corporation CXA3202AN Datasheet HTML 7Page - Sony Corporation CXA3202AN Datasheet HTML 8Page - Sony Corporation CXA3202AN Datasheet HTML 9Page - Sony Corporation CXA3202AN Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
—8—
CXA3202AN
Design Reference Values
Single ended measurement
(VCC=3.0 V, Ta=27 °C)
Item
Input resistance
Input capacitance
Output resistance
Output capacitance
Symbol
Rin
Cin
Rout
Cout
Conditions
f=130.38 MHz, Vgctl=1.5 V
Typ.
Unit
10
k
0.98
pF
6.0
k
0.92
pF
Notes on Operation
1) This IC is a wideband amplifier with wide gain control range. The decouping capacitors between GND Pin
and VCC Pin should be as close to the IC as possible.
2) The resistors connected to Pins 9 and 10 should be as close to the IC as possible.
3) This IC assumes the excellent characteristics when the differential input impedance between Pins 1 and 2
is 500
Ω. Refer to the Measurement Circuit for the external element settings, etc.
4) Pay attention to handling this IC because its electrostatic discharge strength is weak.


유사한 부품 번호 - CXA3202AN

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
More results

유사한 설명 - CXA3202AN

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3222N SONY-CXA3222N Datasheet
149Kb / 8P
   TX Gain Control Amplifier
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3221AN SONY-CXA3221AN Datasheet
126Kb / 8P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
logo
Toshiba Semiconductor
TA4018F TOSHIBA-TA4018F_07 Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com