전자부품 데이터시트 검색엔진 |
|
SM22 데이터시트(PDF) 8 Page - Kemet Corporation |
|
SM22 데이터시트(HTML) 8 Page - Kemet Corporation |
8 / 66 page ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 8 8 Aluminum Electrolytic Capacitors ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com Series Temperature Range Capacitance Range Voltage Range (VDC) Life Expectancy @ Rated Voltage, Rated Temperature Benefits ALC10 -40 to +85°C 56µF - 82000µF 40 - 500 29000 hours • Compact size • 18000 hours life at 85°C (U R, IR applied) • High ripple current • Excellent surge voltage capability ALC12 -40 to +85°C 150µF - 8200µF 200 - 450 9000 hours • Compact size • 2000 hours life at 85°C (U R, IR applied) • Excellent surge voltage capability PEH506 -40 to +85°C 68µF - 2000µF 35 - 450 6000 hours • Long life grade • PCB mounting • Low ESR & ESL • High ripple current ALC40 -40 to +105°C 4µF - 120000µF 25 - 450 14000 hours • Compact size • 9000 hours life at 105°C (U R, IR applied) • High ripple current • Excellent surge voltage capability ALC42 -40 to +105°C 120µF - 6800µF 200 - 450 11000 hours • Compact size • 2000 hours life at 105°C (U R, IR applied) • Excellent surge voltage capability PEH532 -40 to +105°C 68µF - 2000µF 35 - 500 2000 hours • Long life grade • PCB mounting • Low ESR & ESL • High ripple current PEH534 -40 to +105°C 150µF - 22000µF 35 - 500 4000 hours • Long life grade • PCB mounting • Low ESR & ESL • High ripple current PEH536 -40 to +105°C 4µF - 18000µF 35 - 500 6000 hours • Long life grade • PCB mounting • Low ESR & ESL • High ripple current PEH526/626 -40 to +125°C 820µF - 6800µF 25 - 80 4000 hours • 125°C temperature rating • High vibration specification • Low ESR • High ripple current capability Series Temperature Range Capacitance Range Voltage Range Life Expectancy @ Rated Voltage, Rated Temperature Benefits ALN20S -40 to +85°C 10000µF 50 - 100VDC 29000 hours • 4 pin solder tag • Long life • Slit foil technolgy ALC10S -40 to +85°C 10000µF 50 - 100VDC 29000 hours • 2 pin solder tag • Long life • Slit foil technolgy ALP/T 20 -40 to +85°C 22µF - 150000µF 40 - 450VDC 26000 hours • Solder tag & DIN standard solder pin • Long life ALP/T 22 -40 to +85°C 22µF - 150000µF 40 - 450VDC 26000 hours • Solder tag & DIN standard solder pin • Long life MS/MD -20 to +60°C MS type -20 to +0°C MD types 25µF - 50µF 120 - 260VAC • AC motor start capacitors • 6.3mm double amp tags (quick connect type) • VDE approved to EN60252-2 Snap-In Electrolytic Capacitors Other Electrolytic Capacitors |
유사한 부품 번호 - SM22 |
|
유사한 설명 - SM22 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |