전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7447709821 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 7447709821
상세설명  Digital constant-current controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7447709821 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button 7447709821 Datasheet HTML 6Page - STMicroelectronics 7447709821 Datasheet HTML 7Page - STMicroelectronics 7447709821 Datasheet HTML 8Page - STMicroelectronics 7447709821 Datasheet HTML 9Page - STMicroelectronics 7447709821 Datasheet HTML 10Page - STMicroelectronics 7447709821 Datasheet HTML 11Page - STMicroelectronics 7447709821 Datasheet HTML 12Page - STMicroelectronics 7447709821 Datasheet HTML 13Page - STMicroelectronics 7447709821 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Overview of inverse buck converter
AN3151
10/34
Doc ID 17051 Rev 1
3
Overview of inverse buck converter
The inverse buck stage offers the advantages previously mentioned and is managed by the
same equations as the standard buck converter.
Here in short, some details related to the DC-DC converter stage, with further details of the
analog designing [3].
Theory of operation
The voltage across the L inductor is calculated using the following formula:
Equation 1
where:
VL=inductor voltage (V)
L=inductance (H)
IL=inductor current (A)
Figure 6.
Inverse buck converter (single-string)
The following equations were used in the design:
Table 1.
Electrical specs
Description
Symbol
Value
Unit
Input voltage
VIN
48
V
White LED
VF
Everlight EHP-AX08EL P03-V4
LED forward voltage
Vfmin=3.85 @ 700 mA
Vfmax=4.15 @ 700 mA
V
dt
di
L
V
l
L =


유사한 부품 번호 - 7447709821

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447709821 WURTH-7447709821 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
More results

유사한 설명 - 7447709821

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
USL1601 UTC-USL1601 Datasheet
174Kb / 6P
   CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com