전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3286 데이터시트(PDF) 3 Page - Sony Corporation

부품명 CXA3286
상세설명  8-bit 160MSPS Flash A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3286 데이터시트(HTML) 3 Page - Sony Corporation

  CXA3286 Datasheet HTML 1Page - Sony Corporation CXA3286 Datasheet HTML 2Page - Sony Corporation CXA3286 Datasheet HTML 3Page - Sony Corporation CXA3286 Datasheet HTML 4Page - Sony Corporation CXA3286 Datasheet HTML 5Page - Sony Corporation CXA3286 Datasheet HTML 6Page - Sony Corporation CXA3286 Datasheet HTML 7Page - Sony Corporation CXA3286 Datasheet HTML 8Page - Sony Corporation CXA3286 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
– 3 –
CXA3286R
Pin Description
[Symbol]
[Pin No.]
[Description]
Digital power supply
Bottom reference voltage
Analog ground
Reference voltage mid point
Analog power supply
Analog signal input
Reference voltage mid point
Analog power supply
Reference voltage mid point
Analog ground
Top reference voltage
Digital power supply
ECL/PECL clock input
ECL/PECL clock input
TTL clock input
Data output switching
TTL high level clamp
Power saving
Digital power supply
Digital ground
PA side data output
Digital ground
Digital power supply
Digital power supply
Digital ground
PB side data output
Digital ground
Digital power supply
Clock output
Data output polarity inversion
Output mode selection
TTL reset input
ECL/PECL reset input
ECL/PECL reset input
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 to 28
29
30
31
32
33 to 40
41
42
43
44
45
46
47
48
DVEE3
VRB
AGND
VRM1
AVCC
VIN
VRM2
AVCC
VRM3
AGND
VRT
DGND3
CLK/E
CLKN/E
CLK/T
SELECT2
VOCLP
PS
DVCC2
DGND2
PAD0 to PAD7
DGND1
DVCC1
DVCC2
DGND2
PBD0 to PBD7
DGND2
DVCC2
CLKOUT
INV
SELECT1
RESETN/T
RESET/E
RESETN/E
0V
1.4 to 2.6V
0V
+5V
VRB to VRT
+5V
0V
2.9 to 4.1V
+5V
PECL
PECL
TTL
DGND1 or open or DVcc1
Clamp voltage
TTL
+5V
0V
TTL
0V
+5V
+5V
0V
TTL
0V
+5V
TTL
TTL
TTL
TTL
PECL
PECL
–5.0V
1.4 to 2.6V
0V
+5V
VRB to VRT
+5V
0V
2.9 to 4.1V
0V
ECL
ECL
TTL
DGND1 or open or DVcc1
Clamp voltage
TTL
+5V
0V
TTL
0V
+5V
+5V
0V
TTL
0V
+5V
TTL
TTL
TTL
TTL
ECL
ECL
Typical voltage
level with a single
power supply
Typical voltage
level with dual
power supply


유사한 부품 번호 - CXA3286

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

유사한 설명 - CXA3286

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
   8-bit 160MSPS Flash A/D Converter
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com