전자부품 데이터시트 검색엔진 |
|
TC74LCX00F 데이터시트(PDF) 3 Page - Toshiba Semiconductor |
|
TC74LCX00F 데이터시트(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TC74LCX00F/FT/FK 2012-02-29 3 Operating Ranges (Note 1) Characteristics Symbol Rating Unit 2.0 to 3.6 Power supply voltage VCC 1.5 to 3.6 (Note 2) V Input voltage VIN 0 to 5.5 V 0 to 5.5 (Note 3) Output voltage VOUT 0 to VCC (Note 4) V ±24 (Note 5) Output current IOH/IOL ±12 (Note 6) mA Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dv 0 to 10 (Note 7) ns/V Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Data retention only Note 3: VCC = 0 V Note 4: High or low state Note 5: VCC = 3.0 to 3.6 V Note 6: VCC = 2.7 to 3.0 V Note 7: VIN = 0.8 to 2.0 V, VCC = 3.0 V Electrical Characteristics DC Characteristics (Ta = −40 to 85°C) Characteristics Symbol Test Condition VCC (V) Min Max Unit H-level VIH ⎯ 2.7 to 3.6 2.0 ⎯ Input voltage L-level VIL ⎯ 2.7 to 3.6 ⎯ 0.8 V IOH = −100 μA 2.7 to 3.6 VCC − 0.2 ⎯ IOH = −12 mA 2.7 2.2 ⎯ IOH = −18 mA 3.0 2.4 ⎯ H-level VOH VIN = VIH or VIL IOH = −24 mA 3.0 2.2 ⎯ IOL = 100 μA 2.7 to 3.6 ⎯ 0.2 IOL = 12 mA 2.7 ⎯ 0.4 IOL = 16 mA 3.0 ⎯ 0.4 Output voltage L-level VOL VIN = VIH IOL = 24 mA 3.0 ⎯ 0.55 V Input leakage current IIN VIN = 0 to 5.5 V 2.7 to 3.6 ⎯ ±5.0 μA Power off leakage current IOFF VIN/VOUT = 5.5 V 0 ⎯ 10.0 μA VIN = VCC or GND 2.7 to 3.6 ⎯ 10.0 Quiescent supply current ICC VIN = 3.6 to 5.5 V 2.7 to 3.6 ⎯ ±10.0 Increase in Icc per input ΔICC VIH = VCC − 0.6 V 2.7 to 3.6 ⎯ 500 μA |
유사한 부품 번호 - TC74LCX00F_12 |
|
유사한 설명 - TC74LCX00F_12 |