전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LCX125F 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TC74LCX125F
상세설명  Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX125F 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74LCX125F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC74LCX125F/FT/FK
2012-02-29
8
Package Dimensions
Weight: 0.18 g (typ.)


유사한 부품 번호 - TC74LCX125F_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX125FK TOSHIBA-TC74LCX125FK Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125FN TOSHIBA-TC74LCX125FN Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX125FN TOSHIBA-TC74LCX125FN Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125FT TOSHIBA-TC74LCX125FT Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX125FT TOSHIBA-TC74LCX125FT Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74LCX125F_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX126F TOSHIBA-TC74LCX126F_10 Datasheet
233Kb / 11P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125F TOSHIBA-TC74LCX125F_07 Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX126F TOSHIBA-TC74LCX126F Datasheet
239Kb / 9P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74VCX125FT TOSHIBA-TC74VCX125FT_07 Datasheet
262Kb / 12P
   Low-Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2125FT TOSHIBA-TC74VCX2125FT Datasheet
244Kb / 10P
   Low Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com