전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LCX138F 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC74LCX138F
상세설명  Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX138F 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74LCX138F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TC74LCX138F/FT/FK
2012-02-29
9
Package Dimensions
Weight: 0.06 g (typ.)


유사한 부품 번호 - TC74LCX138F_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX138FK TOSHIBA-TC74LCX138FK Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC74LCX138FN TOSHIBA-TC74LCX138FN Datasheet
289Kb / 9P
   LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX138FN TOSHIBA-TC74LCX138FN Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC74LCX138FT TOSHIBA-TC74LCX138FT Datasheet
289Kb / 9P
   LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX138FT TOSHIBA-TC74LCX138FT Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74LCX138F_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MZ138FK TOSHIBA-TC7MZ138FK_07 Datasheet
192Kb / 8P
   Low Voltage 3-to-8 Line Decoder with 5 V Tolerant Inputs and Outputs
TC74LCX138F TOSHIBA-TC74LCX138F_07 Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC74VCX138FT TOSHIBA-TC74VCX138FT_07 Datasheet
260Kb / 11P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
   LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX138FT TOSHIBA-TC74VCX138FT Datasheet
373Kb / 8P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
74LVX238 STMICROELECTRONICS-74LVX238 Datasheet
236Kb / 9P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com