전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LCX157FT 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC74LCX157FT
상세설명  Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX157FT 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX157FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX157FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX157FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX157FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX157FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX157FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX157FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX157FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX157FT_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74LCX157F/FT/FK
2012-02-29
5
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.65 to 2.3 VCC×0.9
2.3 to 2.7
1.7
H-level
VIH
2.7 to 3.6
2.0
1.65 to 2.3
VCC×0.1
2.3 to 2.7
0.7
Input voltage
L-level
VIL
2.7 to 3.6
0.8
V
IOH = −100 μA 1.65 to 3.6 VCC−0.2
IOH = −4 mA
1.65
1.05
IOH = −8 mA
2.3
1.7
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
H-level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
1.65 to 3.6
0.2
IOL = 4 mA
1.65
0.45
IOL = 8 mA
2.3
0.7
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0 to 5.5 V
1.65 to 3.6
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
10.0
μA
VIN = VCC or GND
1.65 to 3.6
10.0
Quiescent supply current
ICC
VIN = 3.6 to 5.5 V
1.65 to 3.6
±10.0
Increase in Icc per input
ΔICC
VIH = VCC − 0.6 V
2.7 to 3.6
500
μA


유사한 부품 번호 - TC74LCX157FT_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX157FT TOSHIBA-TC74LCX157FT Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX157FT TOSHIBA-TC74LCX157FT Datasheet
279Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74LCX157FT_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MZ157FK TOSHIBA-TC7MZ157FK_07 Datasheet
187Kb / 8P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_07 Datasheet
279Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F_12 Datasheet
223Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F_07 Datasheet
249Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC7MA257FK TOSHIBA-TC7MA257FK Datasheet
229Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC74VCX157FT TOSHIBA-TC74VCX157FT_07 Datasheet
258Kb / 12P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK_07 Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
173Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC74VCX257FT TOSHIBA-TC74VCX257FT Datasheet
265Kb / 12P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com