전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LVX174F 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC74LVX174F
상세설명  Hex D-Type Flip-Flop with Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX174F 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC74LVX174F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX174F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX174F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX174F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX174F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX174F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX174F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX174F_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74LVX174F/FT
2012-02-29
3
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
0.5 to 7.0
V
DC input voltage
VIN
0.5 to 7.0
V
DC output voltage
VOUT
0.5 to VCC + 0.5
V
Input diode current
IIK
20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
65 to 150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 3.6
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dv
0 to 100
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
3.0
2.0
2.0
H-level
VIH
3.6
2.4
2.4
2.0
0.5
0.5
3.0
0.8
0.8
Input voltage
L-level
VIL
3.6
0.8
0.8
V
IOH = −50 μA
2.0
1.9
2.0
1.9
IOH = −50 μA
3.0
2.9
3.0
2.9
H-level
VOH
VIN = VIH
or VIL
IOH = −4 mA
3.0
2.58
2.48
IOL = 50 μA
2.0
0.0
0.1
0.1
IOL = 50 μA
3.0
0.0
0.1
0.1
Output voltage
L-level
VOL
VIN = VIH
or VIL
IOL = 4 mA
3.0
0.36
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
3.6
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
3.6
4.0
40.0
μA


유사한 부품 번호 - TC74LVX174F_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVX174FN TOSHIBA-TC74LVX174FN Datasheet
276Kb / 8P
   HEX D-TYPE FLIP FLOP WITH CLEAR
TC74LVX174FN TOSHIBA-TC74LVX174FN Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74LVX174FT TOSHIBA-TC74LVX174FT Datasheet
276Kb / 8P
   HEX D-TYPE FLIP FLOP WITH CLEAR
TC74LVX174FT TOSHIBA-TC74LVX174FT Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
More results

유사한 설명 - TC74LVX174F_12

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com