전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VHC9151P 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC74VHC9151P
상세설명  9-Bit Schmitt Buffer (Inverter)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC9151P 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC74VHC9151P Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74VHC9151P/FT/FK,9152P/FT/FK
2010-08-31
3
Absolute Maximum Ratings (Note1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±75
mA
Power dissipation
PD
500 (DIP) (Note 2)/180(TSSOP/VSSOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C shall be
applied until 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


유사한 부품 번호 - TC74VHC9151P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC9125FK TOSHIBA-TC74VHC9125FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125FT TOSHIBA-TC74VHC9125FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125P TOSHIBA-TC74VHC9125P Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FK TOSHIBA-TC74VHC9126FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FT TOSHIBA-TC74VHC9126FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
More results

유사한 설명 - TC74VHC9151P

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
   Schmitt-trigger Inverter Buffer
HD74ALVC1G14 RENESAS-HD74ALVC1G14_15 Datasheet
105Kb / 12P
   Schmitt-trigger Inverter Buffer
RD74LVC1G14 RENESAS-RD74LVC1G14 Datasheet
2Mb / 8P
   Schmitt-trigger Inverter Buffer
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
   9-BIT BUFFER
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
   9-BIT BUFFER
1996 REV 2
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
   9-BIT BUFFER
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
   9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
   9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
   9-BIT BUFFER
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122_06 Datasheet
59Kb / 4P
   9-BIT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com