전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VHC9152FK 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC74VHC9152FK
상세설명  9-Bit Schmitt Buffer (Inverter)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC9152FK 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC9152FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC9152FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC9152FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC9152FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC9152FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC9152FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC9152FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC9152FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC9152FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC9151P/FT/FK,9152P/FT/FK
2010-08-31
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
4.8
9.4
1.0
10.7
3.3 ± 0.3
50
8.1
16.1
1.0
18.4
15
3.3
6.0
1.0
6.8
Propagation delay
time
(TC74VHC9151)
tpLH
tpHL
5.0 ± 0.5
50
5.7
10.5
1.0
11.9
ns
15
4.8
9.3
1.0
10.6
3.3 ± 0.3
50
7.8
15.4
1.0
17.6
15
3.6
6.3
1.0
7.1
Propagation delay
time
(TC74VHC9152)
tpLH
tpHL
5.0 ± 0.5
50
5.7
10.2
1.0
11.6
ns
3.3 ± 0.3
50
1.5
1.5
Output to output skew
tosHL
tosLH
(Note 1)
5.0 ± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
TC74VHC9151 (fIN = 1 MHz)
11
Power dissipation
capacitance (Note 2)
CPD
TC74VHC9152 (fIN = 1 MHz)
10
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC / 9 (per bit)


유사한 부품 번호 - TC74VHC9152FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC9125FK TOSHIBA-TC74VHC9125FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125FT TOSHIBA-TC74VHC9125FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125P TOSHIBA-TC74VHC9125P Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FK TOSHIBA-TC74VHC9126FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FT TOSHIBA-TC74VHC9126FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
More results

유사한 설명 - TC74VHC9152FK

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
   Schmitt-trigger Inverter Buffer
HD74ALVC1G14 RENESAS-HD74ALVC1G14_15 Datasheet
105Kb / 12P
   Schmitt-trigger Inverter Buffer
RD74LVC1G14 RENESAS-RD74LVC1G14 Datasheet
2Mb / 8P
   Schmitt-trigger Inverter Buffer
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
   9-BIT BUFFER
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
   9-BIT BUFFER
1996 REV 2
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
   9-BIT BUFFER
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
   9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
   9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
   9-BIT BUFFER
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122_06 Datasheet
59Kb / 4P
   9-BIT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com