전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VHCU04FT 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC74VHCU04FT
상세설명  Hex Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCU04FT 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC74VHCU04FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCU04FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCU04FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCU04FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCU04FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCU04FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCU04FT_12 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC74VHCU04F/FT
2012-02-29
3
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
VOUT = VOL
2.0
3.0 to
5.5
1.70
VCC ×
0.8
1.70
VCC ×
0.8
V
Low-level input
voltage
VIL
VOUT = VOH
2.0
3.0 to
5.5
0.30
VCC ×
0.2
0.30
VCC ×
0.2
V
VIN = VIL
IOH = −50 μA
2.0
3.0
4.5
1.8
2.7
4.0
2.0
3.0
4.5
1.8
2.7
4.0
High-level output
voltage
VOH
VIN = GND
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
V
VIN = VIH
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.2
0.3
0.5
0.2
0.3
0.5
Low-level output
voltage
VOL
VIN = VCC
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.0
8.9
1.0
10.5
3.3 ± 0.3
50
7.5
11.4
1.0
13.0
15
3.5
5.5
1.0
6.5
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
50
5.0
7.0
1.0
8.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
9
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/6 (per gate)


유사한 부품 번호 - TC74VHCU04FT_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHCU04FT TOSHIBA-TC74VHCU04FT Datasheet
200Kb / 5P
   HEX INVERTER
TC74VHCU04FT TOSHIBA-TC74VHCU04FT Datasheet
213Kb / 8P
   Hex Inverter
More results

유사한 설명 - TC74VHCU04FT_12

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com