전자부품 데이터시트 검색엔진 |
|
LC0406FC24C 데이터시트(PDF) 7 Page - Protek Devices |
|
LC0406FC24C 데이터시트(HTML) 7 Page - Protek Devices |
7 / 9 page Only One Name Means ProTek’Tion™ www.protekdevices.com 05158.R8 9/12 Page 7 LC0406FC3.3C - LC0406FC36C 0406 PaCKaGe inFoRMation C G H I F E D A DIE SOLDER BUMPS SOLDER PRINT 0.010” - 0.012” DIA. SOLDER PADS SOLDER MASK COPPER CONTACTS 0.009”[0.23] DIA. G H I A DIE SOLDER BUMP F SOLDER MASK SOLDER PRINT 0.014”[0.36] DIA. oPtion 1 - Layout DiMensions DiM MiLLiMeteRs inChes noMinaL noMinaL A 0.51 0.020 C 0.30 0.012 D 0.46 0.018 E 0.20 0.008 F 0.15 SQ 0.006 SQ G 0.71 0.028 H 0.99 0.039 I 0.51 0.020 notes 1. Controlling dimensions in inches. 2. Decimal tolerance: .xxx ± 0.05mm (0.002”). 3. Preferred: Usign 0.1mm (0.004”) stencil. oPtion 2 - Layout DiMensions DiM MiLLiMeteRs inChes noMinaL noMinaL A 0.51 0.020 F 0.15 SQ 0.006 SQ G 0.71 0.028 H 0.99 0.039 I 0.51 0.020 notes 1. Controlling dimensions in inches. 2. Decimal tolerance: .xxx ± 0.05mm (0.002”). 3. Preferred: Usign 0.1mm (0.004”) stencil. |
유사한 부품 번호 - LC0406FC24C |
|
유사한 설명 - LC0406FC24C |