전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP-4735SEE-1 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TIP-4735SEE-1
상세설명  14" Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP-4735SEE-1 데이터시트(HTML) 1 Page - Vishay Siliconix

  TIP-4735SEE-1_10 Datasheet HTML 1Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 2Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 3Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 4Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 5Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 6Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 37078
For technical questions, contact: displays@vishay.com
www.vishay.com
Revision: 14-Jan-10
1
14" Infrared Touch Panel
TIP-4735SEE-1
Vishay Dale
Vishay Dale Electronics TIP products are infrared touch
panels designed to fit most flat panel display technologies.
The touch panels consist of infrared emitters and detectors,
scanning electronics, a microprocessor based controller, a
bezel and optical filter assembly, and hardware to mount the
touch panel assembly to the flat panel display.
These touch panels are ideal for many applications including
medical instrumentation, machine or process controllers,
point of sale devices, public information displays, banking
terminals, and military.
Note
• If a manual is required for TBDriver, TWDriver, T5Driver or
UPDD, please request at the time of ordering. These will be
included as no charge items.
FEATURES
• Fast response time < 50 ms
• 93 x 69 switch matrix, nearly 6500 switches
• Fits Sharp LQ14 models and other 14"displays directly
• Clear hardcoated anti-glare filter
• Sealed for environmental resistance
• Immune to high or changing ambient light
• RS-232 interface
• Pre-assembled - no assembly or disassembly required to
mount display
ELECTRICAL SPECIFICATIONS
Voltage: + 5 VDC ± 5 %
Current: 200 mA typical
Beeper Output: HC CMOS type
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 0 °C to + 55 °C
Storage Temperature: - 55 °C to + 85 °C
Relative Humidity: 10 % to 90 % non-conditioning
Ambient Light: 2000 ft candles
INTERFACE
Type: RS-232 serial
Data Rate: 9600 baud or 19.2 kilo-baud
Word Format: 8 data bits, no parity, 1 start bit, 1 stop bit
Touch Points: 9 x 69
ORDERING INFORMATION
TOUCH PANEL
TIP-4735SEE-1
TBDriver (DOS driver)
280879-08
TWDriver (Windows 3.1 driver)
280879-10
T5Driver (Windows 95/98 driver)
280879-11
UPDD universal pointer device driver
(Windows 95/98, NT, 2000, CE)
280879-12
J1 mating connector
280105-02
J4 mating connector
280108-06
J5 mating connector
280108-05
DIMENSIONS in inches [millimeters]
2.008
5” FLEX CABLES
2.920
0.375
Ø 0.180 6 PLACES
11.179
0.313
6.694
6.694
0.375
14.014
13.560
12.343
5” FLEX CABLES
0.750
5.125
6.694
6.694
0.227
1.670
2.070
4.336
0.346
5/16” STANDOFF
PROVIDED


유사한 부품 번호 - TIP-4735SEE-1_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com