전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5611AKSZ-500RL7 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5611AKSZ-500RL7
상세설명  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5611AKSZ-500RL7 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5611AKSZ-500RL7 Datasheet HTML 7Page - Analog Devices AD5611AKSZ-500RL7 Datasheet HTML 8Page - Analog Devices AD5611AKSZ-500RL7 Datasheet HTML 9Page - Analog Devices AD5611AKSZ-500RL7 Datasheet HTML 10Page - Analog Devices AD5611AKSZ-500RL7 Datasheet HTML 11Page - Analog Devices AD5611AKSZ-500RL7 Datasheet HTML 12Page - Analog Devices AD5611AKSZ-500RL7 Datasheet HTML 13Page - Analog Devices AD5611AKSZ-500RL7 Datasheet HTML 14Page - Analog Devices AD5611AKSZ-500RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. F | Page 11 of 24
Figure 29. Total Unadjusted Error (TUE) vs. Temperature (5 V)
Figure 30. Offset Error vs. Temperature (3 V/5 V Supply)
Figure 31. Gain Error vs. Temperature (3 V/5 V Supply)
Figure 32. Supply Current vs. Temperature (3 V/5 V Supply)
Figure 33. INL vs. Supply Voltage at 25°C
Figure 34. DNL vs. Supply Voltage at 25°C
–0.5
–0.3
–0.1
0.1
0.3
0.5
1.5
–40
–20
TEMPERATURE (°C)
AD5601 MIN TUE
AD5611 MIN TUE
AD5621 MIN TUE
0.7
0.9
1.1
1.3
0
20
40
60
80
100
120
140
AD5621 MAX TUE
AD5601 MAX TUE
AD5611 MAX TUE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.2
1.3
1.4
1.5
–40
–20
0
20
100
120
140
TEMPERATURE (°C)
40
60
80
1.0
VDD = 5V
VDD = 3V
–0.016
–0.014
–0.012
–0.010
–0.008
–0.006
–0.004
–0.002
0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 3V
VDD = 5V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 3V
VDD = 5V
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
TA = 25°C
AD5621 MAX INL ERROR
AD5611 MIN INL ERROR
AD5621 MIN INL ERROR
AD5611 MAX INL ERROR
AD5601 MIN INL ERROR
AD5601 MAX INL ERROR
–0.6
–0.4
–0.2
0
0.2
0.4
–0.10
–0.09
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
2.7
3.2
3.7
4.2
4.7
5.2
5.7
6.2
6.7
SUPPLY VOLTAGE (V)
0
TA = 25°C
AD5621 MAX DNL ERROR
AD5601 MAX DNL ERROR
AD5601 MIN DNL ERROR
AD5621 MIN DNL ERROR
AD5611 MAX DNL ERROR
AD5611 MIN DNL ERROR


유사한 부품 번호 - AD5611AKSZ-500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5611AKSZ-500RL7 AD-AD5611AKSZ-500RL7 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611AKSZ-500RL7 AD-AD5611AKSZ-500RL7 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

유사한 설명 - AD5611AKSZ-500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5602 AD-AD5602 Datasheet
563Kb / 24P
   2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
REV. B
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com