전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5621AKSZ-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5621AKSZ-REEL7
상세설명  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5621AKSZ-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5621AKSZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5621AKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5621AKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5621AKSZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5621AKSZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5621AKSZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5621AKSZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5621AKSZ-REEL7 Datasheet HTML 13Page - Analog Devices AD5621AKSZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5601/AD5611/AD5621
Data Sheet
Rev. F | Page 10 of 24
Figure 23. Noise Spectral Density
Figure 24. Supply Current vs. Digital Input Code
Figure 25. Sink and Source Capability
Figure 26. INL vs. Temperature (5 V)
Figure 27. DNL vs. Temperature (5 V)
Figure 28. Zero-Code Error and Full-Scale Error vs. Temperature
0
100
200
300
400
500
600
700
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
UNLOADED OUTPUT
MIDSCALE
ZERO SCALE
FULL SCALE
0
10
20
30
40
50
60
70
0
2000
4000
6000
8000
10000 12000 14000 16000
DIGITAL INPUT CODE
VDD = 5V
VDD = 3V
TA = 25°C
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–15
–10
–5
0
5
10
15
I (mA)
DAC LOADED WITH ZERO-SCALE CODE
VDD = 5V
TA = 25°C
DAC LOADED WITH FULL-SCALE CODE
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–40
–20
0
40
20
60
80
100
120
TEMPERATURE (°C)
AD5611 MIN INL ERROR
AD5621 MIN INL ERROR
AD5621 MAX INL ERROR
VDD = 5V
AD5611 MAX INL ERROR
AD5601 MAX INL ERROR
AD5601 MIN INL ERROR
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
–40
10
60
110
160
TEMPERATURE (°C)
VDD = 5V
AD5611 MIN DNL ERROR
AD5621 MAX DNL ERROR
AD5611 MAX DNL ERROR
AD5601 MAX DNL ERROR
AD5601 MIN DNL ERROR
AD5621 MIN DNL ERROR
–40
40
60
80
100
–20
0
–20
120
140
TEMPERATURE (°C)
AD5621 ZERO-CODE ERROR
AD5611 FULL-SCALE ERROR
AD5621 FULL-SCALE ERROR
VDD = 5V
0.00149
0.00099
0.00049
–0.00001
–0.00051
AD5611 ZERO-CODE ERROR
AD5601 ZERO-CODE ERROR
AD5601 FULL-SCALE ERROR


유사한 부품 번호 - AD5621AKSZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5621AKSZ-REEL7 AD-AD5621AKSZ-REEL7 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621AKSZ-REEL7 AD-AD5621AKSZ-REEL7 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

유사한 설명 - AD5621AKSZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5602 AD-AD5602 Datasheet
563Kb / 24P
   2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
REV. B
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com