전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC62D723FNG 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC62D723FNG
상세설명  16-Output constant current LED driver with the output gain control function and the PWM grayscale function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D723FNG 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC62D723FNG Datasheet HTML 1Page - Toshiba Semiconductor TC62D723FNG Datasheet HTML 2Page - Toshiba Semiconductor TC62D723FNG Datasheet HTML 3Page - Toshiba Semiconductor TC62D723FNG Datasheet HTML 4Page - Toshiba Semiconductor TC62D723FNG Datasheet HTML 5Page - Toshiba Semiconductor TC62D723FNG Datasheet HTML 6Page - Toshiba Semiconductor TC62D723FNG Datasheet HTML 7Page - Toshiba Semiconductor TC62D723FNG Datasheet HTML 8Page - Toshiba Semiconductor TC62D723FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TC62D723FNG
2012-01-30
1
TOSHIBA CDMOS Integrated Circuit Silicone Monolithic
TC62D723FNG
16-Output constant current LED driver with the output gain control function and the PWM grayscale function
1.Feature
The TC62D723FNG is LED drivers which have the sink-type
constant current output.
The output gain control function of 8-bit and the PWM grayscale
function of 16, 14, 12, and 10-bit are built into this IC.
Output current value of 16 channels is set by one external
resistance.
In addition, the thermal shutdown function, the output open
detection function, and the output short detection function are built
in.
This IC is most suitable for lighting the LED module and the display.
2.Characteristics
• Supply voltage
: VDD = 3.0 to 5.5 V
• 16-output built-in
• Output current setup range
: IOUT = 1.5 to 90 mA
• Constant current output accuracy
(@ REXT = 1.2 kΩ, VOUT = 1.0 V, VDD = 3.3 V, 5.0 V)
: S rank;Between outputs
± 1.5 % (max)
: S rank;Between devices:
± 1.5 % (max)
: N rank;Between outputs
± 2.5 % (max)
: N rank;Between devices:
± 2.5 % (max)
• Output voltage
: VOUT = 17 V (MAX)
• I/O interface
: CMOS interfaces (Input of a schmitt trigger)
• Data transfer frequency
: fSCK = 30 MHz (MAX)
• PWM frequency
: fPWM = 33 MHz (MAX)
• Operation temperature range
: Topr = −40 to 85 °C
• 8-bit (256 steps) output gain control function built-in.
• PWM grayscale function built-in. (PWM resolution is selectable)
16-bit (65536 steps), 14-bit (16384 steps)
12-bit (4096 steps), 10-bit (1024 steps)
Selection of teh one-shot output PWM mode or the repeat PWM output mode is possible.
• Thermal shutdown function (TSD) built-in.
• Output error detection function built-in.
This function has the automatic operation and the command
input manual operation.
Output open detection function (OOD) and output short
detection function (OSD) built-in.
• Power-on-reset function built-in. (When the power supply is turned on, internal data is reset)
• Stand-by function built-in. (IDD=1μA at standby mode)
• Output delay function built-in. (Output switching noise is reduced)
• Package
: HTSSOP24-P-300-0.65
For detailed part naming conventions, contact your local Toshiba sales representative or distributor.
TC62D723FNG
HTSSOP24-P-300-0.65
Weight
HTSSOP24-P-300-0.65 : 0.10 g (Typ.)


유사한 부품 번호 - TC62D723FNG

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG_15 Datasheet
734Kb / 44P
   16-Output constant current LED driver
More results

유사한 설명 - TC62D723FNG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC62D723FG TOSHIBA-TC62D723FG Datasheet
715Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D722CFNG TOSHIBA-TC62D722CFNG Datasheet
771Kb / 43P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FNAG TOSHIBA-TC62D723FNAG Datasheet
787Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Shindengen Electric Mfg...
MTD2005 SHINDENGEN-MTD2005_17 Datasheet
246Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005F SHINDENGEN-MTD2005F_17 Datasheet
272Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003F SHINDENGEN-MTD2003F_10 Datasheet
236Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2002F SHINDENGEN-MTD2002F Datasheet
240Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005 SHINDENGEN-MTD2005_10 Datasheet
226Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2007F SHINDENGEN-MTD2007F Datasheet
331Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003F SHINDENGEN-MTD2003F_17 Datasheet
256Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com