전자부품 데이터시트 검색엔진 |
|
TC358760 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TC358760 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 3 page Features DSI Receiver • MIPI DSI: v1.01 / MIPI D-PHY: v1.0 compliant. • Up to four (4) data lanes with bi-directional support on Data Lane 0. • Maximum speed at 1 Gbps/lane. • Video input data formats: – RGB-565, RGB-666 and RGB-888. – New DSI V1.02 data type support: 16-bit YCbCr 422 • Interlaced video mode is not supported. DPI Receiver • Maximum speed at 154 MHz. • Video input data formats: RGB-565, RGB-666 and RGB-888. I 2S Audio Interface • Supports sampling frequencies of 32, 44.1, 48, 88.2, 96, 176.4 & 192 KHz. • Supports up to 2 audio channels. • Optionally inserts IEC60958 status bits and preamble bits per channel. DisplayPort Interface • High-speed serial bridge chip using VESA DisplayPort 1.1a standard. • Supports one dual-lane port for high bandwidth application or two single-lane ports for connection to two DisplayPort panels. • Supports 1.62 or 2.7 Gbps/lane data rate with voltage swings @0.4, 0.6, 0.8 or 1.2V • Support of pre-emphasis levels of 0, 3.5 dB and 6 dB. • AUX channel supported at 1 Mbps. • Supports HDCP encryption Version 1.3 Amendment for DisplayPort Revision 1.1. • SSCG with ~30 KHz modulation to reduce EMI. I 2C Interface • I 2C slave interface for debugging and/or chip register set access. SPI Interface • SPI slave interface for chip register set access. • SPI interface support for up to 30 MHz operation. Clock Source • DisplayPort clock source can be derived from an external clock input or from the DSI clock. Acceptable clock values from external source or DSI clock derivatives are 13, 26, 19.2 or 38.4 MHz. Power Supply Inputs • Core and MIPI D-PHY: 1.2V • Digital I/O: 1.8V • DisplayPort PHY and PLL: 1.8V and 1.2V Package • TC358766XBG: 120-pin, 6.0 mm x 6.0 mm, 0.5 mm ball pitch, 1.0 mm height North America Toshiba America Electronic Components Inc Irvine, CA San Jose, CA TEL: (949) 623-2900 TEL: (408) 526-2400 Product Brief TC358766 Display Bridge for DisplayPort™ Connectivity Sales Offices Europe Toshiba Electronics Europe GmbH Düsseldorf, Germany Puteaux Cedex, France TEL: (0211) 5296-0 TEL: (1) 47282181 Farnborough, Hampshire , U.K. TEL: (0870) 060-2370 ASIA Toshiba Electronics (Shanghai) Co.,Ltd Toshiba Electronics Asia Ltd Shanghai, China Shenzhen, China Hong Kong TEL: (021) 6139-3888 TEL: (0755) 2399-6897 TEL: 2375-6111 Toshiba Electronics Asia(Singapore) Pte. Ltd. Toshiba Electronics Taiwan Corp. TEL: (6278) 5252 Taipei City TEL: (02) 2508-9988: Toshiba Electronics Korea Corp. Seoul TEL: (02) 3484-4334 |
유사한 부품 번호 - TC358760 |
|
유사한 설명 - TC358760 |