전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPG06-6.8A 데이터시트(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

부품명 TMPG06-6.8A
상세설명  Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
홈페이지  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

TMPG06-6.8A 데이터시트(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  TMPG06-6.8A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd TMPG06-6.8A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd TMPG06-6.8A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
RATINGS AND CHARACTERISTIC CURVES
TMPG06-6.8/A
THRU TMPG06-43/A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current versus Initial
Junction Temperature
0.1
1.0
10
100
td -
Pulse Width (sec.)
TMPG06-6.8 - TMPG06-9.1A
TMPG06-10 - TMPG06-43A
Non-repetitive Pulse
Waveform shown in Fig. 3
TA = 25 °C
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
100
75
50
25
0
0
25
50
75
100
125
150
175
200
Tj - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance
0
50
100
150
td
0
1.0
2.0
3.0
4.0
tr = 10 µsec.
Peak Value
IPPM
Half Value -
IPPM
IPP
2
10/1000 µsec. Waveform
as defined by R.E.A.
Tj = 25 °C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50 % of IPPM
t - Time (ms)
10
100
1000
10000
10
1.0
100
200
Tj = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
Measured at
Zero Bias
Measured at Stand-off
Voltage VWM
V(BR) - Breakdown Voltage (V)
Figure 5. Power Derating Curve
TL - Lead Temperature (°C)
0
0.25
0.50
0.75
1.00
0
25
50
75
100
125
150
175
200
60 Hz
Resistive or
Inductive Load
L = 0.375" (9.5 mm)
Lead Lengths
Figure 6. Maximum Non-Repetitive Forward Surge Current
1
10
100
10
100
Tj = 75 °C
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
6.8V-43V 1.0mA-10mA
TMPG06-6.8/A THRU TMPG06-43/A
Automotive Transient Voltage Suppressors


유사한 부품 번호 - TMPG06-6.8A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TMPG06-6.8A VISHAY-TMPG06-6.8A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-6.8A VISHAY-TMPG06-6.8A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-6.8A VISHAY-TMPG06-6.8A Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
TMPG06-6.8AHE3/54 VISHAY-TMPG06-6.8AHE3/54 Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-6.8AHE3/54 VISHAY-TMPG06-6.8AHE3/54 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
More results

유사한 설명 - TMPG06-6.8A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
   Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
   Automotive Transient Voltage Suppressors
06-May-02
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com