전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4135K 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPD4135K
상세설명  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4135K 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPD4135K Datasheet HTML 1Page - Toshiba Semiconductor TPD4135K Datasheet HTML 2Page - Toshiba Semiconductor TPD4135K Datasheet HTML 3Page - Toshiba Semiconductor TPD4135K Datasheet HTML 4Page - Toshiba Semiconductor TPD4135K Datasheet HTML 5Page - Toshiba Semiconductor TPD4135K Datasheet HTML 6Page - Toshiba Semiconductor TPD4135K Datasheet HTML 7Page - Toshiba Semiconductor TPD4135K Datasheet HTML 8Page - Toshiba Semiconductor TPD4135K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPD4135K
2010-09-27
4
Pin Description
Pin No.
Symbol
Pin Description
1
GND
Ground pin.
2
NC
Unused pin, which is not connected to the chip internally.
3
NC
Unused pin, which is not connected to the chip internally.
4
HU
The control terminal of IGBT by the high side of U. It turns off less than 1.5V.
It turns on more than 2.5V.
5
HV
The control terminal of IGBT by the high side of V. It turns off less than 1.5V.
It turns on more than 2.5V.
6
HW
The control terminal of IGBT by the high side of W. It turns off less than 1.5V.
It turns on more than 2.5V.
7
LU
The control terminal of IGBT by the low side of U. It turns off less than 1.5V.
It turns on more than 2.5V.
8
LV
The control terminal of IGBT by the low side of V. It turns off less than 1.5V.
It turns on more than 2.5V.
9
LW
The control terminal of IGBT by the low side of W. It turns off less than 1.5V.
It turns on more than 2.5V.
10
RS
Over current detection pin.
11
DIAG
With the diagnostic output terminal of open drain , a pull-up is carried out by resistance.
It turns on at the time of unusual.
12
NC
Unused pin, which is not connected to the chip internally.
13
VREG
7V regulator output pin.
14
NC
Unused pin, which is not connected to the chip internally.
15
VCC
Control power supply pin.(15V typ.)
16
GND
Ground pin.
17
U
U-phase output pin.
18
BSU
U-phase bootstrap capacitor connecting pin.
19
IS1
U-phase IGBT emitter and FRD anode pin.
20
IS2
V-phase IGBT emitter and FRD anode pin.
21
BSV
V-phase bootstrap capacitor connecting pin.
22
V
V-phase output pin.
23
VBB
High-voltage power supply input pin.
24
BSW
W-phase bootstrap capacitor connecting pin.
25
W
W-phase output pin.
26
IS3
W-phase IGBT emitter and FRD anode pin.


유사한 부품 번호 - TPD4135K

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

유사한 설명 - TPD4135K

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com