전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA78R33FXX 데이터시트(PDF) 2 Page - Tiger Electronic Co.,Ltd

부품명 KIA78R33FXX
상세설명  1A Low Dropout Voltage Regulator With ON/OFF Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA78R33FXX 데이터시트(HTML) 2 Page - Tiger Electronic Co.,Ltd

  KIA78R33FXX Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA78R33FXX Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA78R33FXX Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA78R33FXX Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA78R33FXX Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA78R33FXX Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA78R33FXX Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KIA78RXX
2/7
PIN CONF IGUR AT I O N :
ORDERI N G INFOR MAT ION :
ABSOLUTE MAXI MUM RATINGS (Ta=25°C)
Characteris tic
Value
Unit
Input Vo lta ge
35
V
ON/OF F Control Vo latge
35
V
Package Marking
Output Vo ltage
Package Ty pe
KIA78R 25 FXX
2.5V
TO - 2 5 2 - 5 L
KIA78R 33 FXX
3.3 V
TO - 2 5 2 - 5 L
KIA78R 05 FXX
5.0V
TO - 2 5 2 - 5 L
KIA78R 06 FXX
6.0V
TO - 2 5 2 - 5 L
KIA78R 08 FXX
8.0V
TO - 2 5 2 - 5 L
KIA78R 09 FXX
9.0 V
TO - 2 5 2 - 5 L
KIA78R 10 FXX
10.0V
TO - 2 5 2 - 5 L
KIA78R 12 FXX
12.0V
TO - 2 5 2 - 5 L
KIA78R 15 FXX
15.0V
TO - 2 5 2 - 5 L
KIA78R 25 API
2.5V
TO-220F-4
KIA78R 33 API
3.3 V
TO-220F-4
KIA78R 05 API
5.0V
TO-220F-4
KIA78R 06 API
6.0V
TO-220F-4
KIA78R 08 API
8.0V
TO-220F-4
KIA78R 09 API
9.0 V
TO-220F-4
KIA78R 10 API
10.0V
TO-220F-4
KIA78R 12 API
12.0V
TO-220F-4
KIA78R 15 API
15.0V
TO-220F-4
PIN FU NCTI ON
1.
VIN
2.
GND
3.
VOUT
4.
NC
5. ON/OF F CO NTROL


유사한 부품 번호 - KIA78R33FXX

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA78R33F KEC-KIA78R33F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Tiger Electronic Co.,Lt...
KIA78R33F TGS-KIA78R33F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
KEC(Korea Electronics)
KIA78R33F KEC-KIA78R33F Datasheet
108Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA78R33FXX

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com