전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5204CQ50 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS5204CQ50
상세설명  150mA Low Noise LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CQ50 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5204CQ50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CQ50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CQ50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CQ50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5204CQ50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5204CQ50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5204CQ50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5204CQ50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS5204
150mA Low Noise LDO Voltage Regulator
1/8
Version: G12
SOT-23
SOT-89
DFN 2x2
General Description
The TS5204 series is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage
(typically 20mV at light loads and 500mV at 150mA at 5V version), and very low power consumption (600uA at
100mA), providing high output current even when the application requires very low dropout voltage. The TS5204
series is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown and revered battery protection.
Features
Ultra Low Noise Output
Output Current up to 150mA
Low Dropout Voltage
Low Power Consumption
Internal Current Limit
Thermal Shutdown Protection
Ordering Information
Part No.
Package
Packing
TS5204CXxx RF
SOT-23
3Kpcs / 7” Reel
TS5204CYxx RF
SOT-89
1Kpcs / 7” Reel
TS5204CQxx RF
DFN 2x2
3Kpcs / 7” Reel
Note: Where xx denotes voltage option, available are
50=5.0V, 33=3.3V
Application
Cellular Telephones
Palmtops, Notebook Computers
Battery Powered Equipment
Consumer and Personal Electronics
SMPS Post Regulator and DC to DC Modules
High-efficiency Linear Power Supplies
Portable Application
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-20~ +20
V
Recommend Input Supply Voltage
VIN
+2.5 ~ +16
V
Power Dissipation (Note 2)
PD
Internal limited
Thermal Resistance
SOT-23
Ө
JA
220
oC/W
SOT-89
180
DFN 2x2
80
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Pin Definition:
1. Output
2. Input
3. Ground
Pin Definition:
1. Output
2. Ground
3. Input
Pin Definition:
1. Out
2. N/C
3. Ground
4. N/C
5. N/C
6. Input


유사한 부품 번호 - TS5204CQ50

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS5204CQ50RF TSC-TS5204CQ50RF Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
More results

유사한 설명 - TS5204CQ50

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com