전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9008SCX5 데이터시트(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

부품명 TS9008SCX5
상세설명  300mA High PSRR Low Noise CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9008SCX5 데이터시트(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS9008SCX5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9008SCX5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9008SCX5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9008SCX5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9008SCX5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9008SCX5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9008SCX5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS9008SCX5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS9008SCX5 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS9008
300mA High PSRR Low Noise CMOS LDO
8/9
Version: D12
SOT-23 Mechanical Drawing
SOT-23 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX.
A
0.95 BSC
0.037 BSC
A1
1.9 BSC
0.074 BSC
B
2.60
3.00
0.102
0.118
C
1.40
1.70
0.055
0.067
D
2.80
3.10
0.110
0.122
E
1.00
1.30
0.039
0.051
F
0.00
0.10
0.000
0.004
G
0.35
0.50
0.014
0.020
H
0.10
0.20
0.004
0.008
I
0.30
0.60
0.012
0.024
J
10º
10º


유사한 부품 번호 - TS9008SCX5

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9008SCX5RFG TSC-TS9008SCX5RFG Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results

유사한 설명 - TS9008SCX5

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008KCX TSC-TS9008KCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008KCX5 TSC-TS9008KCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com