전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS39300CZ18 데이터시트(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

부품명 TS39300CZ18
상세설명  3A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39300CZ18 데이터시트(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39300CZ18 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39300CZ18 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39300CZ18 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39300CZ18 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39300CZ18 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39300CZ18 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39300CZ18 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS39300CZ18 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS39300CZ18 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS39300/1/2/3
3A Ultra Low Dropout Voltage Regulator
with Multi-Function
11/12
Version: B07
TO-263-5L Mechanical Drawing
Marking Diagram
TS39301 / TS39302 / TS39303
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX
= Output Voltage – TS39301 & TS39303 only
(18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
XXX = CM5 – TS39302 only
TO-263-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.220
10.260
0.402
0.404
B
14.600
15.870
0.575
0.625
C
0.750
0.770
0.030
0.030
D
1.573
1.827
0.062
0.072
E
4.560
4.570
0.179
0.180
F
1.240
1.270
0.049
0.050
G
2.280
2.790
0.090
0.110
H
0.280
0.320
0.011
0.013
I
8.240
8.280
0.324
0.326
J
1.540
1.800
0.060
0.071


유사한 부품 번호 - TS39300CZ18

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39300CZ TSC-TS39300CZ Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
TS39300CZ TSC-TS39300CZ Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ25 TSC-TS39300CZ25 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ33 TSC-TS39300CZ33 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

유사한 설명 - TS39300CZ18

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM50 TSC-TS39300CM50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_08 Datasheet
721Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM33 TSC-TS39300CM33 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_07 Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM533 TSC-TS39303CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM518 TSC-TS39301CM518 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM533 TSC-TS39301CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com