전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS39301CZ518 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS39301CZ518
상세설명  3A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39301CZ518 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39301CZ518 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39301CZ518 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39301CZ518 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39301CZ518 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39301CZ518 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39301CZ518 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39301CZ518 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39301CZ518 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39301CZ518 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS39300/1/2/3
3A Ultra Low Dropout Voltage Regulator
with Multi-Function
1/12
Version: B07
TO-220
TO-263
(D
2PAK)
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
TS39300/1/2/3 are 3A ultra low dropout linear voltage regulators that provide low voltage, high current output with a
minimum of external components. The TS3930x series offers extremely low dropout (typically 400mV at 3A) and low
quiescent current (typically 36mA at 3A).
TS39300/1/2/3 is ideal for PC add-in cards that need to convert from standard 3.3V to 2.5V or 2.5V to 1.8V. A
guaranteed maximum dropout voltage of 500mV over all operating conditions allows the TS39300/1/2/3 to provide
2.5V from a supply as low as 3V, and 1.8V from a supply as low as 2.5V. The TS39300/1/2/3 also has fast transient
response for heavy switching applications. The device requires only 47uF of output capacitor to maintain stability and
achieve fast transient response.
On the TS39300/1/2/3, the enable pin may be tied to input voltage if it is not required for enable control.
Features
Dropout voltage typically 0.4V @Io=3A
Output Current up to 3A
Low Ground Current
Extremely Fast Transient Response
Current Limit & Thermal Shutdown
Reversed Leakage & Reverse Battery Protection
Error Flag Signals Output (TS39301 only)
Adjustable Version (TS39302 only)
Output Voltage Sense (TS39303 only)
Application
PowerPC
TM Power Supplies
Battery Powered Equipment
Consumer and Personal Electronics
High Efficiency Linear Power Supplies
SMPS Post Regulator and DC to DC Modules
High-efficiency Post Regulator for Switching Supply
Low Voltage Microcontrollers and Digital Logic
Ordering Information
Part No.
Package
Packing
TS39300CZxx C0
TO-220
50pcs / Tube
TS39300CMxx RN
TO-263
800pcs / 13” Reel
TS39301CZ5xx C0
TO-220-5L
50pcs / Tube
TS39301CM5xx RN
TO-263-5L
800pcs / 13” Reel
TS39302CZ5 C0
TO-220-5L
50pcs / Tube
TS39302CM5 RN
TO-263-5L
800pcs / 13” Reel
TS39303CZxx C0
TO-220-5L
50pcs / Tube
TS39303CMxx RN
TO-263-5L
800pcs / 13” Reel
Note: Where xx denotes voltage option, available are
50=5V, 33=3.3V, 25=2.5V, 18=1.8V
Contact to factory for addition output voltage option.
Pin Definition:
TS39301xx
TS39302
TS39303xx
1. Enable
1. Enable
1. Enable
2. Input
2. Input
2. Input
3. Ground
3. Ground
3. Ground
4. Output
4. Output
4. Output
5. Flag
5. Adjust
5. Sense
Pin Definition:
TS39300
1. Input
2. Ground (tab)
3. Output


유사한 부품 번호 - TS39301CZ518

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39301CZ5 TSC-TS39301CZ5 Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CZ525 TSC-TS39301CZ525 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CZ533 TSC-TS39301CZ533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CZ550 TSC-TS39301CZ550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CZ5C0 TSC-TS39301CZ5C0 Datasheet
721Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

유사한 설명 - TS39301CZ518

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM50 TSC-TS39300CM50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ18 TSC-TS39300CZ18 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_08 Datasheet
721Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM33 TSC-TS39300CM33 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_07 Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM533 TSC-TS39303CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM518 TSC-TS39301CM518 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM533 TSC-TS39301CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com