전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7499010211A 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7499010211A
상세설명  LAN-Transformer WE-RJ45LAN 10/100BaseT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7499010211A 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7499010211A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7499010211A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7499010211A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Kunde / customer :
Bezeichnung :
description :
A Mechanische Abmessungen / dimensions :
B Lötpad / soldering spec. :
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Indukivität /
Inductance
Übersetzungsverhältnis
1 : 1
Tx
/ Turns ratio
1 : 1
Rx
-16
-13,5
-12
-10
D Prüfgeräte / test equipment :
HP4395A
33%
Umgebungstemperatur / temperature:
+25°C
F Werkstoffe & Zulassungen / material & approvals :
Basismaterial / base material:
Ferrit/ ferrite
Draht / wire:
Hochspannungsprüfung / Hipot test: 1500Vrms 1min.
geeignet für 10/100Base-TX gemäß IEEE 802.3u /
Gehäuse / housing
LED
1.8V-2.8V / 20mA
Freigabe erteilt / general release:
..................................................................................
Datum / date
Mle
2011-09-16
...............................................
KSC
2009-10-29
Geprüft / checked
Name
Datum / date
Würth Elektronik
..................................................................................
Unterschrift / signature
Kunde / customer
100kHz / 100mV
CCMR
Thermoplastic UL-94V0
TR
min.
30-45MHz @ 100Ω
1-30MHz @ 100Ω
Testbedingungen /
test conditions
dB
C Elektrische Eigenschaften / electrical properties :
OCL
min.
dB
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2009-10-29
min.
7499010211A
100kHz / 100mV @ 8mA
DC-Bias
RL
max.
Luftfeuchtigkeit / humidity:
Artikelnummer / part number :
LAN-Übertrager WE-RJ45LAN 10/100BaseT
LAN-Transformer WE-RJ45LAN 10/100BaseT
Return Loss
60-80MHz @ 100Ω
µH
Insertion Loss
1-100MHz
Common Mode
Rejection
45-60MHz @ 100Ω
350
dB
G Eigenschaften / general specifications :
E Testbedingungen / test conditions :
dB
min.
Auto MDIX fähig / Auto MDIX capable
3%
IL
-1,0
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Würth Elektronik eiSos GmbH & Co.KG
Kontrolliert / approved
Rev 00
Änderung / modification
..................................................
Rev 01
-30
Kontaktmaterial/ contact plating:
100% tin w. nickel underpalting
30µ"gold plating on contact area
Betriebstemp. / operating temperature: 0°C - + 70°C
Shield
50µ" nickel
over 0.01" cooper alloy
1-100MHz
-30
Crosstalk
1-100MHz
CT
4UEW 155°C
Compliant with IEEE 802.3u for 10/100Base-TX-Applications
dimensions in mm
Green
Yellow
SEITE 1 VON 3


유사한 부품 번호 - 7499010211A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74990100011A WURTH-74990100011A Datasheet
207Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
7499010001A WURTH-7499010001A Datasheet
219Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
7499010003A WURTH-7499010003A Datasheet
260Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
74990100040 WURTH-74990100040 Datasheet
367Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
2017-05-23 Rev 01
7499010004A WURTH-7499010004A Datasheet
206Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
More results

유사한 설명 - 7499010211A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74990100011A WURTH-74990100011A Datasheet
207Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
74990111215A WURTH-74990111215A Datasheet
234Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
7499010441 WURTH-7499010441 Datasheet
356Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
7499031001A WURTH-7499031001A Datasheet
354Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
7498011008 WURTH-7498011008 Datasheet
245Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
7499011002A WURTH-7499011002A Datasheet
232Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
7499011222A WURTH-7499011222A Datasheet
220Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
74990110030 WURTH-74990110030 Datasheet
201Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
7497011611A WURTH-7497011611A Datasheet
401Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
7498010210A WURTH-7498010210A Datasheet
396Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
2014-12-17 Rev 07
7499051002 WURTH-7499051002 Datasheet
250Kb / 3P
   LAN-Transformer WE-RJ45LAN 10/100BaseT
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com