전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7498E 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 TDA7498E
상세설명  160-watt 160-watt dual BTL class-D audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498E 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button TDA7498E Datasheet HTML 4Page - STMicroelectronics TDA7498E Datasheet HTML 5Page - STMicroelectronics TDA7498E Datasheet HTML 6Page - STMicroelectronics TDA7498E Datasheet HTML 7Page - STMicroelectronics TDA7498E Datasheet HTML 8Page - STMicroelectronics TDA7498E Datasheet HTML 9Page - STMicroelectronics TDA7498E Datasheet HTML 10Page - STMicroelectronics TDA7498E Datasheet HTML 11Page - STMicroelectronics TDA7498E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications
TDA7498E
8/20
Doc ID 022595 Rev 1
3.4
Electrical specifications
Unless otherwise stated, the values in the table below are specified for the conditions:
VCC =36V, RL = 4 Ω, ROSC = R3 = 39 kΩ, C8 = 100 nF, f = 1 kHz, GV = 23.6 dB
Tamb = 25 °C.
Table 6.
Electrical specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Iq
Total quiescent current
No LC filter, no load
-
60
mA
IqSTBY
Quiescent current in standby
-
-
1
µA
VOS
Output offset voltage
Vi = 0 Av = 23.6 dB,
no load
-20
-
20
mV
IOCP
Overcurrent protection threshold
RL = 0 Ω
10
11
14
A
Tj
Junction temperature at thermal
shutdown
-
140
150
160
°C
Ri
Input resistance
Differential input
69
-
k
Ω
VUVP
Undervoltage protection threshold
-
-
-
8
V
RdsON
Power transistor on resistance
High side
-
0.15
-
Ω
Low side
-
0.15
-
Po
Output power
THD = 10%
-
160
-
W
THD = 1%
-
125
-
Po
Parallel BTL (mono) output power,
RL = 3 ohm, Vcc = 36 V
THD = 10%
-
220
-
W
THD = 1%
-
170
-
η
Efficiency
-
85
-
%
THD
Total harmonic distortion
Po = 1 W
-
0.05
-
%
GV
Closed-loop gain
GAIN0 < 0.25*VDD
23.8
dB
0.25*VDD < GAIN < 0.5*VDD
29.8
0.5*VDD < GAIN < 0.75*VDD
33.3
GAIN > 0.75*VDD
35.8
ΔGV
Gain matching
-
-1
-
1
dB
CT
Crosstalk
f = 1 kHz, Po = 1 W
50
60
-
dB
Vn
Total output noise
Inputs shorted and to Ground A
curve
231
µV
Inputs shorted and to Ground
f = 20 Hz to 20 kHz
400
µV
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 0.5 Vpp,
CSVR = 10 µF
-55
-
dB
Tr, Tf
Rise and fall times
-
-
35
-
ns
fSW
Switching frequency
Internal oscillator
240
310
400
kHz
fSWR
Output switching frequency range
With internal oscillator by changing
Rosc(1)
240
-
kHz


유사한 부품 번호 - TDA7498E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
   100-watt 100-watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
More results

유사한 설명 - TDA7498E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
   100-watt 100-watt dual BTL class-D audio amplifier
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
September 2011 Rev 5
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
   160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
   2 x 10-watt dual BTL class-D audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com