전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS1H100-Y 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STPS1H100-Y
상세설명  Automotive high voltage power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1H100-Y 데이터시트(HTML) 3 Page - STMicroelectronics

  STPS1H100-Y Datasheet HTML 1Page - STMicroelectronics STPS1H100-Y Datasheet HTML 2Page - STMicroelectronics STPS1H100-Y Datasheet HTML 3Page - STMicroelectronics STPS1H100-Y Datasheet HTML 4Page - STMicroelectronics STPS1H100-Y Datasheet HTML 5Page - STMicroelectronics STPS1H100-Y Datasheet HTML 6Page - STMicroelectronics STPS1H100-Y Datasheet HTML 7Page - STMicroelectronics STPS1H100-Y Datasheet HTML 8Page - STMicroelectronics STPS1H100-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS1H100-Y
Characteristics
Doc ID 17935 Rev 1
3/9
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
P
(W)
F(AV)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
T
δ=tp/T
tp
I
(A)
F(AV)
δ = 1
δ = 0.1
δ = 0.05
δ = 0.5
δ = 0.2
I
(A)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
R
th(j-a)=Rth(j-l)
T
δ=tp/T
tp
R
th(j-a)=100°C/W
R
th(j-a)=120°C/W
SMA
SMB
R
th(j-a)=200°C/W
T
(°C)
amb
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
P(tp)
P
(1µs)
ARM
ARM
t (µs)
p
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
P(T )
P
(25 °C)
ARM
j
ARM
T (°C)
j
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMB)
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMA)
I (A)
M
0
1
2
3
4
5
6
7
8
9
10
1.E-03
1.E-02
1.E-01
1.E+00
T
a=25 °C
T
a=75 °C
T
a=110 °C
IM
t
δ =0.5
SMB
t(s)
I (A)
M
0
1
2
3
4
5
6
7
8
1.E-03
1.E-02
1.E-01
1.E+00
T
a=25 °C
T
a=75 °C
T
a=110 °C
IM
t
δ =0.5
SMA
t(s)


유사한 부품 번호 - STPS1H100-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1H100 STMICROELECTRONICS-STPS1H100 Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS1H100 STMICROELECTRONICS-STPS1H100 Datasheet
71Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
August 2004 REV. 5
STPS1H100 STMICROELECTRONICS-STPS1H100 Datasheet
428Kb / 15P
   100 V, 1 A power Schottky rectifier
October 2019
STPS1H100A STMICROELECTRONICS-STPS1H100A Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS1H100A STMICROELECTRONICS-STPS1H100A Datasheet
71Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
August 2004 REV. 5
More results

유사한 설명 - STPS1H100-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1H100AY STMICROELECTRONICS-STPS1H100AY Datasheet
136Kb / 9P
   Automotive high voltage power Schottky rectifier
STPS2H100ZFY STMICROELECTRONICS-STPS2H100ZFY Datasheet
299Kb / 8P
   Automotive high voltage power Schottky rectifier
October 2016 Rev 1
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100BY-TR STMICROELECTRONICS-STPS5H100BY-TR Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS15H100C-Y STMICROELECTRONICS-STPS15H100C-Y Datasheet
200Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS200170TV1Y STMICROELECTRONICS-STPS200170TV1Y Datasheet
107Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100AFY STMICROELECTRONICS-STPS5H100AFY Datasheet
312Kb / 8P
   Automotive high voltage power Schottky rectifier
June 2016
STPS40170C-Y STMICROELECTRONICS-STPS40170C-Y Datasheet
111Kb / 8P
   Automotive high voltage power Schottky rectifier
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com