전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS1L40-Y 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STPS1L40-Y
상세설명  Automotive low drop power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L40-Y 데이터시트(HTML) 9 Page - STMicroelectronics

  STPS1L40-Y Datasheet HTML 1Page - STMicroelectronics STPS1L40-Y Datasheet HTML 2Page - STMicroelectronics STPS1L40-Y Datasheet HTML 3Page - STMicroelectronics STPS1L40-Y Datasheet HTML 4Page - STMicroelectronics STPS1L40-Y Datasheet HTML 5Page - STMicroelectronics STPS1L40-Y Datasheet HTML 6Page - STMicroelectronics STPS1L40-Y Datasheet HTML 7Page - STMicroelectronics STPS1L40-Y Datasheet HTML 8Page - STMicroelectronics STPS1L40-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
STPS1L40-Y
Doc ID 18247 Rev 1
9/9
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries (“ST”) reserve the
right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any
time, without notice.
All ST products are sold pursuant to ST’s terms and conditions of sale.
Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no
liability whatsoever relating to the choice, selection or use of the ST products and services described herein.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this
document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products
or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such
third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST’S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED
WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS
OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
UNLESS EXPRESSLY APPROVED IN WRITING BY TWO AUTHORIZED ST REPRESENTATIVES, ST PRODUCTS ARE NOT
RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING
APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY,
DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE
GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER’S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void
any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any
liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries.
Information in this document supersedes and replaces all information previously supplied.
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
© 2011 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


유사한 부품 번호 - STPS1L40-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1L40 STMICROELECTRONICS-STPS1L40 Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40 STMICROELECTRONICS-STPS1L40 Datasheet
48Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS1L40M STMICROELECTRONICS-STPS1L40M Datasheet
48Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

유사한 설명 - STPS1L40-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS2L60ZFY STMICROELECTRONICS-STPS2L60ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
   Automotive low drop power Schottky rectifier
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
   Automotive low drop power Schottky rectifier
July 2013 Rev 1
STPS2L40ZFY STMICROELECTRONICS-STPS2L40ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 1
STPS15L45C-Y STMICROELECTRONICS-STPS15L45C-Y Datasheet
218Kb / 8P
   Automotive low drop power Schottky rectifier
July 2015 Rev 2
STPS1L60-Y STMICROELECTRONICS-STPS1L60-Y Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS61H100-Y STMICROELECTRONICS-STPS61H100-Y Datasheet
208Kb / 9P
   Automotive 100 V low drop power Schottky rectifier
July 2019 Rev 1
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com