전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS15H100C-Y 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPS15H100C-Y
상세설명  Automotive high voltage power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15H100C-Y 데이터시트(HTML) 4 Page - STMicroelectronics

  STPS15H100C-Y Datasheet HTML 1Page - STMicroelectronics STPS15H100C-Y Datasheet HTML 2Page - STMicroelectronics STPS15H100C-Y Datasheet HTML 3Page - STMicroelectronics STPS15H100C-Y Datasheet HTML 4Page - STMicroelectronics STPS15H100C-Y Datasheet HTML 5Page - STMicroelectronics STPS15H100C-Y Datasheet HTML 6Page - STMicroelectronics STPS15H100C-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS15H100C-Y
4/7
Doc ID 17686 Rev 1
Figure 7.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 8.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 9.
Forward voltage drop versus
forward current
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab
0
10
20
30
40
50
60
70
80
90
100
02468
10
12
14
16
18
20
S(cm²)
Rth(j-a)(°C/W)
epoxy printed board FR4, Cu: 35µm


유사한 부품 번호 - STPS15H100C-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS15H100C STMICROELECTRONICS-STPS15H100C Datasheet
127Kb / 8P
   High voltage power Schottky rectifier
STPS15H100CB STMICROELECTRONICS-STPS15H100CB Datasheet
66Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS15H100CB STMICROELECTRONICS-STPS15H100CB Datasheet
127Kb / 8P
   High voltage power Schottky rectifier
logo
Inchange Semiconductor ...
STPS15H100CB ISC-STPS15H100CB Datasheet
293Kb / 2P
   Schottky Rectifier
logo
STMicroelectronics
STPS15H100CB-TR STMICROELECTRONICS-STPS15H100CB-TR Datasheet
66Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

유사한 설명 - STPS15H100C-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1H100AY STMICROELECTRONICS-STPS1H100AY Datasheet
136Kb / 9P
   Automotive high voltage power Schottky rectifier
STPS1H100-Y STMICROELECTRONICS-STPS1H100-Y Datasheet
118Kb / 9P
   Automotive high voltage power Schottky rectifier
STPS2H100ZFY STMICROELECTRONICS-STPS2H100ZFY Datasheet
299Kb / 8P
   Automotive high voltage power Schottky rectifier
October 2016 Rev 1
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100BY-TR STMICROELECTRONICS-STPS5H100BY-TR Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS200170TV1Y STMICROELECTRONICS-STPS200170TV1Y Datasheet
107Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100AFY STMICROELECTRONICS-STPS5H100AFY Datasheet
312Kb / 8P
   Automotive high voltage power Schottky rectifier
June 2016
STPS40170C-Y STMICROELECTRONICS-STPS40170C-Y Datasheet
111Kb / 8P
   Automotive high voltage power Schottky rectifier
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com