전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS140-Y 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STPS140-Y
상세설명  Automotive power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS140-Y 데이터시트(HTML) 3 Page - STMicroelectronics

  STPS140-Y Datasheet HTML 1Page - STMicroelectronics STPS140-Y Datasheet HTML 2Page - STMicroelectronics STPS140-Y Datasheet HTML 3Page - STMicroelectronics STPS140-Y Datasheet HTML 4Page - STMicroelectronics STPS140-Y Datasheet HTML 5Page - STMicroelectronics STPS140-Y Datasheet HTML 6Page - STMicroelectronics STPS140-Y Datasheet HTML 7Page - STMicroelectronics STPS140-Y Datasheet HTML 8Page - STMicroelectronics STPS140-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS140-Y
Characteristics
Doc ID 17973 Rev 1
3/9
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
P
(W)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
I
(A)
F(AV)
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
(A)
F(AV)
T
δ=tp/T
tp
T
(°C)
amb
R=R
th(j-a)
th(j-I)
SMB
R
=80°C/W
S
=1.5cm
th(j-a)
(CU)
2
SMA
R
=100°C/W
S
=1.5cm
th(j-a)
(CU)
2
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMA)
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMB)
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
I (A)
M
IM
t
δ=0.5
T =25°C
a
T =50°C
a
T =100°C
a
t(s)
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
I (A)
M
IM
t
δ=0.5
T =25°C
a
T =50°C
a
T =100°C
a
t(s)


유사한 부품 번호 - STPS140-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS140 STMICROELECTRONICS-STPS140 Datasheet
75Kb / 6P
   POWER SCHOTTKY RECTIFIER
July 1998 - Ed: 6B
STPS140 STMICROELECTRONICS-STPS140 Datasheet
70Kb / 7P
   POWER SCHOTTKY RECTIFIER
August 2004 REV. 8
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
   POWER SCHOTTKY RECTIFIER
July 1998 - Ed: 6B
STPS140A STMICROELECTRONICS-STPS140A Datasheet
70Kb / 7P
   POWER SCHOTTKY RECTIFIER
August 2004 REV. 8
STPS140U STMICROELECTRONICS-STPS140U Datasheet
75Kb / 6P
   POWER SCHOTTKY RECTIFIER
July 1998 - Ed: 6B
More results

유사한 설명 - STPS140-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com