전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1102 데이터시트(PDF) 11 Page - Touchstone Semiconductor Inc

부품명 TS1102
상세설명  A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1102 데이터시트(HTML) 11 Page - Touchstone Semiconductor Inc

Back Button TS1102 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TS1102
Touchstone Semiconductor, Inc.
Page 11
630 Alder Drive, Milpitas, CA 95035
TS1102DS r1p0
+1 (408) 215 - 1220
www.touchstonesemi.com
RTFDS
PACKAGE OUTLINE DRAWING
5-Pin SOT23 Package Outline Drawing
(N.B., Drawings are not to scale)
Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not
assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all
information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND.
Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance
notice. No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone
Semiconductor assumes no liability for applications assistance or customer product design. Customers are responsible for their products and
applications using Touchstone Semiconductor components. To minimize the risk associated with customer products and applications,
customers should provide adequate design and operating safeguards. Trademarks and registered trademarks are the property of their
respective owners.
NOTES:
1. Dimensions and tolerances are as per ANSI Y14.5M, 1982.
2. Package surface to be matte finish VDI 11~13.
3. Die is facing up mold and facing down for trim/form,
ie, reverse trim/form.
4. The foot length measuring is based on the gauge plane method.
5. Dimensions are exclusive of mold flash and gate burr.
6. Dimensions are exclusive of solder plating.
7. All dimensions are in mm.
8. This part is compliant with EIAJ spec. and JEDEC MO-178 AA
9. Lead span/stand off height/coplanarity are considered as special
characteristic.
5.
2.80 - 3.00
0.95 0.950
TYP
5
0.30 - 0.50
0.00 - 0.15
10º TYP
10º TYP
10º TYP
0.09 - 0.20
5
10º TYP
0º- 8º
0.30 - 0.55
0.25
Gauge Plane
1.90 Max
0.10 Max
0.09
– 1.45
0.50
– 0.70
1.50
– 1.75
0.50 Max
0.30 Min
0.20 Max
0.09 Min
0.90 - 1.30
0.60
– 0.80
TYP


유사한 부품 번호 - TS1102

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
TS1102 BOTHHAND-TS1102 Datasheet
28Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
logo
Silicon Laboratories
TS1102-100-EG6 SILABS-TS1102-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-100-EG6T SILABS-TS1102-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-100EG5 SILABS-TS1102-100EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
TS1102-200-EG6 SILABS-TS1102-200-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

유사한 설명 - TS1102

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
[Old version datasheet]   MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com