전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1103-25EG6T 데이터시트(PDF) 9 Page - Touchstone Semiconductor Inc

부품명 TS1103-25EG6T
상세설명  A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1103-25EG6T 데이터시트(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS1103-25EG6T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS1103
TS1103DS r1p0
Page 9
RTFDS
he other attribute of the S
comparator’s
behavior is its propagation delay as a function of
applied VSENSE [(VRS+ - VRS-) or (VRS- - VRS+)]. As
shown in Figure
, the S
comparator’s
propagation delay behavior is symmetric regardless
of current-flow direction and is inversely proportional
to VSENSE.
APPLICATIONS INFORMATION
Choosing the Sense Resistor
Selecting the optimal value for the external RSENSE
is based on the following criteria and for each
commentary follows:
1) RSENSE Voltage Loss
2) VOUT Swing vs. Applied Input Voltage at VRS+
and Desired VSENSE
3) Total ILOAD Accuracy
4) Circuit Efficiency and Power Dissipation
5) RSENSE Kelvin Connections
1) RSENSE Voltage Loss
For lowest IR power dissipation in RSENSE, the
smallest usable resistor value for RSENSE should
be selected.
2) VOUT Swing vs. Applied Input Voltage at VRS+
and Desired VSENSE
As there is no separate power supply pin for the
TS1103, the circuit draws its power from the voltage
at its RS+ and RS- terminals. Therefore, the signal
voltage at the OUT terminal is bounded by the
minimum voltage applied at the RS+ terminal.
Therefore,
VOUT(max) = VRS+(min) - VSENSE(max) – VOH(max)
and
RSE SE
V
max
A
L AD max
where the full-scale VSENSE should be less than
VOUT(MAX)/ A
at the application’s minimum RS+
terminal voltage. For best performance with a 3.6V
power supply, RSENSE should be chosen to
generate a VSENSE of: a) 120mV (for the 25V/V GAIN
option), b) 60mV (for the 50V/V GAIN option), c)
30mV (for the 100V/V GAIN option), or d) 15mV (for
the 200V/V GAIN option) at the full-scale ILOAD
current in each application. For the case where the
minimum power supply voltage is higher than 3.6V,
each of the four full-scale VSENSEs above can be
increased.
3) Total Load Current Accuracy
In
the
TS1103
’s
linear
region
where
VOUT < VOUT(max), there are two specifications related
to the circuit’s accuracy: a the TS1103’s input offset
voltage (VOS(max) = 200μV) and b) its gain error
(GE(max) = 0.6%). An expression for the TS1103
’s
total error is given by:
VOUT = [GAIN x (1 ± GE) x VSENSE] ± (GAIN x VOS)
A large value for RSENSE permits the use of smaller
load currents to be measured more accurately
because the effects of offset voltages are less
significant
when
compared
to
larger
VSENSE
voltages. Due care though should be exercised as
previously mentioned with large values of RSENSE.
4) Circuit Efficiency and Power Dissipation
IR losses in RSENSE can be large especially at high
load currents. It is important to select the smallest,
usable RSENSE value to minimize power dissipation
and to keep the physical size of RSENSE small. If
the external RSENSE is allowed to dissipate
significant power, then its inherent temperature
coefficient may alter its design center value, thereby
reducing
load
current
measurement
accuracy.
Precisely because the TS1103
’s input stage was
designed to exhibit a very low input offset voltage,
small RSENSE values can be used to reduce power
dissipation and minimize local hot spots on the pcb.
5) RSENSE Kelvin Connections
For optimal VSENSE accuracy in the presence of large
load currents, parasitic pcb track resistance should
be
minimized.
Kelvin-sense
pcb
connections
between RSENSE and the TS1103
’s RS+ and RS-
terminals are strongly recommended. The drawing in
Figure 3 illustrates the connections between the


유사한 부품 번호 - TS1103-25EG6T

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1103-25-EG6 SILABS-TS1103-25-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1103-25-EG6T SILABS-TS1103-25-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

유사한 설명 - TS1103-25EG6T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT1999-10 LINER-LT1999-10 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com